Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8634SRGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8634SRGER
Description  12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8634SRGER Datasheet(HTML) 2 Page - Texas Instruments

  ADS8634SRGER Datasheet HTML 1Page - Texas Instruments ADS8634SRGER Datasheet HTML 2Page - Texas Instruments ADS8634SRGER Datasheet HTML 3Page - Texas Instruments ADS8634SRGER Datasheet HTML 4Page - Texas Instruments ADS8634SRGER Datasheet HTML 5Page - Texas Instruments ADS8634SRGER Datasheet HTML 6Page - Texas Instruments ADS8634SRGER Datasheet HTML 7Page - Texas Instruments ADS8634SRGER Datasheet HTML 8Page - Texas Instruments ADS8634SRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
ADS8634
ADS8638
SBAS541A
– MAY 2011 – REVISED AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE COMPARISON(1)
PRODUCT
RESOLUTION
CHANNELS
SAMPLE RATE
ADS8634
4
12-Bit
1MSPS
ADS8638
8
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range, unless otherwise noted.
(1)
VALUE
UNIT
AINn to AGND or AINGND to AGND
HVSS
– 0.3 to HVDD + 0.3
V
AVDD to AGND or DVDD to DGND
–0.3 to 7
V
HVDD to AGND
–0.3 to 18
V
HVSS to AGND
–18 to 0.3
V
HVDD to HVSS
–0.3 to 33
V
Digital input voltage to DGND
–0.3 to DVDD + 0.3
V
Digital output to DGND
–0.3 to DVDD + 0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Human body model (HBM)
±2000
V
ESD ratings, all pins
Charged device model (CDM)
±500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those specified in the Electrical
Characteristics table is not implied.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8634 ADS8638


Similar Part No. - ADS8634SRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8634SRGER TI1-ADS8634SRGER Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8634SRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
Kingbright Corporation
HFT012 KINGBRIGHT-HFT012 Datasheet
684Kb / 13P
   12-bit SAR type Analog-to-Digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com