Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8865 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS8865
Description  16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8865 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8865_14 Datasheet HTML 6Page - Texas Instruments ADS8865_14 Datasheet HTML 7Page - Texas Instruments ADS8865_14 Datasheet HTML 8Page - Texas Instruments ADS8865_14 Datasheet HTML 9Page - Texas Instruments ADS8865_14 Datasheet HTML 10Page - Texas Instruments ADS8865_14 Datasheet HTML 11Page - Texas Instruments ADS8865_14 Datasheet HTML 12Page - Texas Instruments ADS8865_14 Datasheet HTML 13Page - Texas Instruments ADS8865_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C00
AVDD = 3 V
REF = 5 V
Maximum INL
Minimum INL
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C00
AVDD = 3 V
REF = 5 V
Maximum DNL
Minimum DNL
±1.00
±0.75
±0.50
±0.25
0.00
0.25
0.50
0.75
1.00
±32768
±19661
±6554
6553
19660
32767
ADC Output Code
C003
AVDD = 3 V
REF = 5 V
T
A = 25ƒC
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
±32768
±19661
±6554
6553
19660
32767
ADC Output Code
C004
AVDD = 3 V
REF = 5 V
T
A = 25ƒC
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
±32768
±19661
±6554
6553
19660
32767
ADC Output Code
C001
AVDD = 3 V
REF = 2.5 V
T
A = 25ƒC
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
±32768
±19661
±6554
6553
19660
32767
ADC Output Code
C002
AVDD = 3 V
REF = 2.5 V
T
A = 25ƒC
ADS8865
SBAS573A – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 400 kSPS, unless otherwise noted.
Figure 6. TYPICAL INL (VREF = 2.5 V)
Figure 7. TYPICAL DNL (VREF = 2.5 V)
Figure 8. TYPICAL INL (VREF = 5 V)
Figure 9. TYPICAL DNL (VREF = 5 V)
Figure 10. INL vs TEMPERATURE
Figure 11. DNL vs TEMPERATURE
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS8865


Similar Part No. - ADS8865_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8865 TI-ADS8865 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8865_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com