Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8883IDGSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8883IDGSR
Description  18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8883IDGSR Datasheet(HTML) 1 Page - Texas Instruments

  ADS8883IDGSR Datasheet HTML 1Page - Texas Instruments ADS8883IDGSR Datasheet HTML 2Page - Texas Instruments ADS8883IDGSR Datasheet HTML 3Page - Texas Instruments ADS8883IDGSR Datasheet HTML 4Page - Texas Instruments ADS8883IDGSR Datasheet HTML 5Page - Texas Instruments ADS8883IDGSR Datasheet HTML 6Page - Texas Instruments ADS8883IDGSR Datasheet HTML 7Page - Texas Instruments ADS8883IDGSR Datasheet HTML 8Page - Texas Instruments ADS8883IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
GND
REF
ADS8883
AINP
AINM
AVDD
DVDD
DIN
SCLK
DOUT
CONVST
0 V - VREF
VCM
VREF
0 V
0 V
VREF
+VREF
-VREF
VCM
VDIFF
0 V - VREF
2.5 V to 5 V
2.7 V to 3.6 V
Traditional Input Range
ADS8883 Input Range
True-Differential Input Range
VREF/2
1.65 V to 3.6 V
ADS8883
www.ti.com
SBAS567A – MAY 2013 – REVISED DECEMBER 2013
18-Bit, 680-kSPS, Serial Interface, microPower, Miniature,
True-Differential Input, SAR Analog-to-Digital Converter
Check for Samples: ADS8883
1
FEATURES
APPLICATIONS
234
Sample Rate: 680 kHz
Automatic Test Equipment (ATE)
No Latency Output
Instrumentation and Process Controls
Unipolar, True-Differential Input Range:
Precision Medical Equipment
–VREF to +VREF
Low-Power, Battery-Operated Instruments
Wide Common-Mode Voltage Range:
0 V to VREF with 90-dB CMRR (min)
DESCRIPTION
The ADS8883 is an 18-bit, 680-kSPS, true-differential
SPI™-Compatible Serial Interface with
input, analog-to-digital converter (ADC). The device
Daisy-Chain Option
operates with a 2.5-V to 5-V external reference,
Excellent AC and DC Performance:
offering a wide selection of signal ranges without
SNR: 100 dB, THD: –115 dB
additional input signal scaling. The reference voltage
setting is independent of, and can exceed, the analog
INL: ±1.5 LSB (typ), ±3.0 LSB (max)
supply voltage (AVDD).
DNL: +1.5 and –1 LSB (max), 18-Bit NMC
The device offers an SPI-compatible serial interface
Wide Operating Range:
that
also
supports
daisy-chain
operation
for
AVDD: 2.7 V to 3.6 V
cascading
multiple
devices.
An
optional
busy-
DVDD: 1.65 V to 3.6 V
indicator bit makes synchronizing with the digital host
(Independent of AVDD)
easy.
REF: 2.5 V to 5 V (Independent of AVDD)
The device supports unipolar, true-differential analog
Operating Temperature: –40°C to +85°C
input signals with a differential input swing of –VREF to
+VREF. This true-differential analog input structure
Low-Power Dissipation:
allows for a common-mode voltage of any value in
4.2 mW at 680 kSPS
the range of 0 V to +VREF (when both inputs are
0.6 mW at 100 kSPS
within the operating input range of –0.1 V to VREF
+ 0.1 V).
60 µW at 10 kSPS
Power-Down Current (AVDD): 50 nA
Device operation is optimized for very low-power
operation. Power consumption directly scales with
Full-Scale Step Settling to 18 Bits: 540 ns
speed. This feature makes the ADS8883 excellent for
Packages: MSOP-10 and SON-10
lower-speed applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TINA is a trademark of Texas Instruments Inc..
3
SPI is a trademark of Motorola Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8883IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8883 TI-ADS8883 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8883IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com