Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7221BIM5NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC7221BIM5NOPB
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7221BIM5NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC7221BIM5NOPB Datasheet HTML 1Page - Texas Instruments LMC7221BIM5NOPB Datasheet HTML 2Page - Texas Instruments LMC7221BIM5NOPB Datasheet HTML 3Page - Texas Instruments LMC7221BIM5NOPB Datasheet HTML 4Page - Texas Instruments LMC7221BIM5NOPB Datasheet HTML 5Page - Texas Instruments LMC7221BIM5NOPB Datasheet HTML 6Page - Texas Instruments LMC7221BIM5NOPB Datasheet HTML 7Page - Texas Instruments LMC7221BIM5NOPB Datasheet HTML 8Page - Texas Instruments LMC7221BIM5NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LMC7221
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
ESD Tolerance (2)
2 kV
Differential Input Voltage
V+ +0.3V, V
−0.3V
Voltage at Input
V+ +0.3V, V
−0.3V
Voltage at Output Pin
15V
Supply Voltage (V+–V)
16V
Current at Input Pin (3)
±5 mA
Current at Output Pin(4) (5)
±30 mA
Current at Power Supply Pin
40 mA
Lead Temperature (soldering, 10 sec.)
260°C
Junction Temperature (6)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(3)
All limits are specified by testing or statistical analysis.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA may adversely affect reliability.
(5)
Limiting input pin current is only necessary for input voltages which exceed the absolute maximum input voltage rating.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Operating Ratings
(1)
Supply Voltage
2.7
≤ VCC ≤ 15V
Temperature Range (2)
LMC7221AI, LMC7221BI
−40°C to +85°C
Thermal Resistance (
θJA)
8-Pin SOIC
180°C/W
5-Pin SOT-23
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
2.7V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2. Boldface limits apply at the
temperature extremes.
Parameter
Test Conditions
LMC7221AI
LMC7221BI
Units
Typ(1)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
3
5
15
mV
8
18
max
TCVOS
Input Offset Voltage
1.0
μV/°C
Temperature Drift
Input Offset Voltage Average
(3)
3.3
μV/Month
Drift
IB
Input Current
0.04
pA
IOS
Input Offset Current
0.02
pA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 2.7V
75
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 15V
80
dB
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(2)
All limits are specified by testing or statistical analysis.
(3)
CL includes the probe and test jig capacitance.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7221


Similar Part No. - LMC7221BIM5NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7221BIM5 NSC-LMC7221BIM5 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221BIM5 NSC-LMC7221BIM5 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7221BIM5 TI1-LMC7221BIM5 Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221BIM5/NOPB TI1-LMC7221BIM5/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221BIM5X NSC-LMC7221BIM5X Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results

Similar Description - LMC7221BIM5NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com