Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1204BDW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1204BDW
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204BDW Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1204BDW Datasheet HTML 3Page - Texas Instruments AMC1204BDW Datasheet HTML 4Page - Texas Instruments AMC1204BDW Datasheet HTML 5Page - Texas Instruments AMC1204BDW Datasheet HTML 6Page - Texas Instruments AMC1204BDW Datasheet HTML 7Page - Texas Instruments AMC1204BDW Datasheet HTML 8Page - Texas Instruments AMC1204BDW Datasheet HTML 9Page - Texas Instruments AMC1204BDW Datasheet HTML 10Page - Texas Instruments AMC1204BDW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
CLKIN
DATA
t
D
t
CLK
t
HIGH
t
LOW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DGND
NC
DVDD
CLKIN
NC
DATA
NC
DGND
AVDD
VINP
VINN
AGND
NC
(1)
NC
NC
AGND
1
2
3
4
8
7
6
5
DVDD
CLKIN
DATA
DGND
AVDD
VINP
VINN
AGND
AMC1204
AMC1204B
www.ti.com
SBAS512D – APRIL 2011 – REVISED DECEMBER 2013
PIN CONFIGURATIONS
DW PACKAGE
DWV PACKAGE
SO-16
SSO-8
(TOP VIEW)
(TOP VIEW)
(1) NC = no internal connection.
PIN DESCRIPTIONS
PIN#
PIN NAME
FUNCTION
DW
DWV
DESCRIPTION
AVDD
1
1
Power
High-side power supply
VINP
2
2
Analog input
Noninverting analog input
VINN
3
3
Analog input
Inverting analog input
AGND
4, 8(1)
4
Power
High-side ground
DGND
9, 16
5
Power
Controller-side ground
DATA
11
6
Digital output
Modulator data output
CLKIN
13
7
Digital input
Modulator clock input
DVDD
14
8
Power
Controller-side power supply
NC
5-7, 10, 12, 15
No internal connection; can be tied to any potential or left unconnected
(1)
Both pins are connected internally via a low-impedance path; thus, only one of the pins must be tied to the ground plane.
TIMING INFORMATION
Figure 1. Modulator Output Timing
TIMING CHARACTERISTICS FOR Figure 1
Over recommended ranges of supply voltage and operating free-air temperature, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
t CLK
CLKIN clock period
45.5
50
200
ns
tHIGH
CLKIN clock high time
20
25
120
ns
tLOW
CLKIN clock low time
20
25
120
ns
tD
Delayed falling edge of CLKIN to DATA valid
2
15
ns
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AMC1204 AMC1204B


Similar Part No. - AMC1204BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204BDW TI1-AMC1204BDW Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204BDW TI1-AMC1204BDW Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
AMC1204BDWR TI1-AMC1204BDWR Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204BDWR TI1-AMC1204BDWR Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
AMC1204BDWV TI1-AMC1204BDWV Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1204BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com