Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV761MF Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV761MF
Description  LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV761MF Datasheet(HTML) 4 Page - Texas Instruments

  LMV761MF Datasheet HTML 1Page - Texas Instruments LMV761MF Datasheet HTML 2Page - Texas Instruments LMV761MF Datasheet HTML 3Page - Texas Instruments LMV761MF Datasheet HTML 4Page - Texas Instruments LMV761MF Datasheet HTML 5Page - Texas Instruments LMV761MF Datasheet HTML 6Page - Texas Instruments LMV761MF Datasheet HTML 7Page - Texas Instruments LMV761MF Datasheet HTML 8Page - Texas Instruments LMV761MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LMV761, LMV762
SNOS998H – FEBRUARY 2002 – REVISED MARCH 2013
www.ti.com
2.7V Electrical Characteristics
Unless otherwise specified, all limited ensured for TJ = 25°C, VCM = V
+/2, V+ = 2.7V, V= 0V. Boldface limits apply at the
temperature extremes.
(1)
Symbol
Parameter
Condition
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
0.2
1.0
mV
IB
Input Bias Current(4)
0.2
50
pA
IOS
Input Offset Current(4)
.001
5
pA
CMRR
Common Mode Rejection Ratio
0V < VCM < VCC - 1.3V
80
100
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5V
80
110
dB
Input Common Mode Voltage
−0.3
CMVR
CMRR > 50dB
V
Range
1.5
Output Swing High
IL = 2mA, VID = 200mV
V+ – 0.35
V+ – 0.1
V
VO
Output Swing Low
IL = −2mA, VID = −200mV
90
250
mV
Sourcing, VO = 1.35V, VID = 200mV
6.0
20
ISC
Output Short Circuit Current(5)
mA
Sinking, VO = 1.35V, VID = −200mV
6.0
15
Supply Current LMV761 (Single
275
700
μA
Comparator)
IS
LMV762/LMV762Q (Both
550
1400
μA
Comparators)
IOUT
Output Leakage I @ Shutdown
SD = GND, VO = 2.7V
0.20
μA
LEAKAGE
IS LEAKAGE
Supply Leakage I @ Shutdown
SD = GND, VCC = 2.7V
0.20
2
μA
Propagation Delay
Overdrive = 5mV
270
RL = 5.1kΩ
tPD
Overdrive = 10mV
205
ns
CL = 50pF
Overdrive = 50mV
120
tSKEW
Propagation Delay Skew
5
ns
tr
Output Rise Time
10% to 90%
1.7
ns
tf
Output Fall Time
90% to 10%
1.8
ns
ton
Turn On Time from Shutdown
6
μs
(1)
Maximum temperature ensured range is
−40°C to 125°C.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Specified by design.
(5)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. See Application Information for information on temperature de-rating of
this device. Absolute Maximum Rating indicate junction temperature limits beyond which the device may be permanently degraded,
either mechanically or electrically.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762


Similar Part No. - LMV761MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV761MF NSC-LMV761MF Datasheet
346Kb / 10P
   Low Voltage, Precision Comparator with Push-Pull Output
LMV761MF NSC-LMV761MF Datasheet
350Kb / 12P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761MF TI1-LMV761MF Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage, Precision Comparator With Push-Pull Output
LMV761MF/NOPB TI1-LMV761MF/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage, Precision Comparator With Push-Pull Output
logo
National Semiconductor ...
LMV761MFX NSC-LMV761MFX Datasheet
346Kb / 10P
   Low Voltage, Precision Comparator with Push-Pull Output
More results

Similar Description - LMV761MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761 TI1-LMV761_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage, Precision Comparator With Push-Pull Output
logo
National Semiconductor ...
LMV761 NSC-LMV761 Datasheet
346Kb / 10P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302 ALD-ALD2302_10 Datasheet
75Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com