Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPV7215MFNOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LPV7215MFNOPB
Description  LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215MFNOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV7215MFNOPB Datasheet HTML 2Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 3Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 4Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 5Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 6Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 7Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 8Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 9Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
INVERTERS
+
-
+
-
OUTPUT
GND
VCC
INP
INN
LPV7215
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
5V ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5V, V= 0V, and V
CM = V
+/2, V
O= V
. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
Propagation Delay
Overdrive = 10 mV
18
μs
(High to Low)
Overdrive = 100 mV
7.7
13.5
16
Propagation Delay
Overdrive = 10 mV
30
μs
(Low to High)
Overdrive = 100 mV
12
15
20
trise
Rise Time
Overdrive = 10 mV
100
CL = 30 pF, RL = 1 MΩ
ns
Overdrive = 100 mV
100
CL = 30 pF, RL = 1 MΩ
tfall
Fall Time
Overdrive = 10 mV
115
CL = 30 pF, RL = 1 MΩ
ns
Overdrive = 100 mV
95
CL = 30 pF, RL = 1 MΩ
CONNECTION DIAGRAM
Figure 3. SC70/SOT-23 (Top View)
Simplified Schematic Diagram
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LPV7215


Similar Part No. - LPV7215MFNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV7215MF NSC-LPV7215MF Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215MF INTERSIL-LPV7215MF Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
LPV7215MF/NOPB TI1-LPV7215MF/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
National Semiconductor ...
LPV7215MFX NSC-LPV7215MFX Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215MFX INTERSIL-LPV7215MFX Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
More results

Similar Description - LPV7215MFNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
   MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com