Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3359 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS5A3359
Description  1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3359 Datasheet(HTML) 3 Page - Texas Instruments

  TS5A3359_14 Datasheet HTML 1Page - Texas Instruments TS5A3359_14 Datasheet HTML 2Page - Texas Instruments TS5A3359_14 Datasheet HTML 3Page - Texas Instruments TS5A3359_14 Datasheet HTML 4Page - Texas Instruments TS5A3359_14 Datasheet HTML 5Page - Texas Instruments TS5A3359_14 Datasheet HTML 6Page - Texas Instruments TS5A3359_14 Datasheet HTML 7Page - Texas Instruments TS5A3359_14 Datasheet HTML 8Page - Texas Instruments TS5A3359_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
TS5A3359
1-
Ω SP3T ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS214C – OCTOBER 2005 – REVISED JANUARY 2008
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
25
°C
0.8
1.1
Peak ON
0
≤ (VNO) ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –100 mA,
See Figure 19
Full
1.5
25
°C
0.7
0.9
ON-state
VNO = 2.5 V,
Switch ON,
ron
4.5 V
resistance
ICOM = –100 mA,
See Figure 19
Full
1.1
ON-state
25
°C
0.1
0.1
resistance
VNO = 2.5 V,
Switch ON,
match
Δron
4.5 V
ICOM = –100 mA,
See Figure 19
Full
0.1
between
channels
0
≤ (VNO) ≤ V+,
Switch ON,
25
°C
0.15
ICOM = –100 mA,
See Figure 19
ON-state
resistance
ron(flat)
4.5 V
VNO = 1 V, 1.5 V, 2.5
25
°C
0.1
0.25
Switch ON,
flatness
V,
See Figure 19
Full
0.25
ICOM = –100 mA,
25
°C
–20
5
20
VNO = 1 V or 4.5 V,
Switch OFF,
INO(OFF)
5.5 V
nA
NO
VCOM = 1 V to 4.5 V,
See Figure 20
Full
–150
150
OFF leakage
25
°C
–1
0.8
1
VNO = 0 to 5.5 V,
Switch OFF,
current
INO(PWROFF)
0 V
µA
VCOM = 5.5 V to 0,
See Figure 20
Full
–25
25
NO
25
°C
–30
5
30
VNO = 1 V or 4.5 V,
Switch ON,
ON leakage
INO(ON)
5.5 V
nA
VCOM = Open,
See Figure 20
Full
–220
220
current
25
°C
–25
8
25
VNO = 4.5 V or 1 V,
Switch OFF,
ICOM(OFF)
5.5 V
nA
COM
VCOM = 1 V or 4.5 V,
See Figure 20
Full
–250
250
OFF leakage
25
°C
–8
0.1
8
VCOM = 0 to 5.5 V,
Switch OFF,
current
ICOM(PWROFF)
0 V
µA
VNO = 5.5 V to 0,
See Figure 20
Full
–50
50
COM
25
°C
–30
5
30
VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
5.5 V
nA
VCOM = 1 V or 4.5 V,
See Figure 20
Full
–220
220
current
Digital Control Inputs (IN1, IN2)(2)
Input logic
VIH
Full
2.4
5.5
V
high
Input logic low
VIL
Full
0
0.8
V
25
°C
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
µA
current
Full
–20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A3359


Similar Part No. - TS5A3359_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3359 TI1-TS5A3359_16 Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
More results

Similar Description - TS5A3359_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com