Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ-200-TFRP Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # EZ-200-TFRP
Description  Connecter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

EZ-200-TFRP Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  EZ-200-TFRP Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THE REVISION STATUS OF ALL SHEETS OF THIS DRAWING IS THE SAME AS SHEET 1
LTR
-
DESCRIPTION
Released
DATE
6/14/99
BY
JCL
Unless otherwise spec-
ified, dimensions are in
inches. Tolerances are
applicable when spec-
ified.
These drawings and
specifications contain
proprietary information
which is the property of
Times Microwave
Systems.
EZ-200-TF-RP
Reverse Polarity TNC Female (male pin)
for LMR-200 Cable
Size
A
CAGE CODE
68999
Drawing No.:
3190-793
Scale: NA
Rev. ( )
Sheet: 1 of 1
Approvals
Drawn
Check
Prj. Mgr.
Prd. Mgr.
QA Mgr.
JCL
6/14/99
TIMES MICROWAVE SYSTEMS
Wallingford, CT 06492
(203) 949-8400; (203) 949-8423.Fax
www.timesmicrowave.com
I. MATERIALS & FINISHES
center contact: Gold Plated Beryllium Copper – male pin
outer contact: Alballoy Plated Brass
body: Alballoy Plated Brass
crimp sleeve: Alballoy Plated Copper
dielectric: TeflonPTFE
shrink sleeve: Adhesive Lined Polyolefin
crimp size: .213” hex (M22520/5-19)
II. ELECTRICAL PROPERTIES
impedance: 50 ohms
working voltage: 500 vrms (max)
vswr: 1.25:1 (max) up to 3 GHz
insertion loss: 0.1 x
√Fghz


Similar Part No. - EZ-200-TFRP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
EZ-200-TM PASTERNACK-EZ-200-TM Datasheet
222Kb / 1P
   Connecter
EZ-200-TM-RP PASTERNACK-EZ-200-TM-RP Datasheet
103Kb / 1P
   Connecter
More results

Similar Description - EZ-200-TFRP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
EZ-240-TF PASTERNACK-EZ-240-TF Datasheet
52Kb / 1P
   Connecter
EZ-SW396-NMC PASTERNACK-EZ-SW396-NMC Datasheet
192Kb / 1P
   Connecter
EZ-400-NMH-RA-X PASTERNACK-EZ-400-NMH-RA-X Datasheet
49Kb / 1P
   Connecter
EZ-SW540-NMC PASTERNACK-EZ-SW540-NMC Datasheet
177Kb / 1P
   Connecter
EZ-240-SM-X PASTERNACK-EZ-240-SM-X Datasheet
59Kb / 1P
   Connecter
EZ-600-NMC-2-D PASTERNACK-EZ-600-NMC-2-D Datasheet
51Kb / 1P
   Connecter
EZ-SW540-716MC PASTERNACK-EZ-SW540-716MC Datasheet
204Kb / 1P
   Connecter
EZ-400-NM-75 PASTERNACK-EZ-400-NM-75 Datasheet
252Kb / 2P
   Connecter
EZ-400-NMH-PL-X PASTERNACK-EZ-400-NMH-PL-X Datasheet
61Kb / 1P
   Connecter
EZ-240-SM-RA PASTERNACK-EZ-240-SM-RA Datasheet
1Mb / 1P
   Connecter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com