Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4420BN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4420BN
Description  6A-Peak Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4420BN Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4420BN Datasheet HTML 1Page - Micrel Semiconductor MIC4420BN Datasheet HTML 2Page - Micrel Semiconductor MIC4420BN Datasheet HTML 3Page - Micrel Semiconductor MIC4420BN Datasheet HTML 4Page - Micrel Semiconductor MIC4420BN Datasheet HTML 5Page - Micrel Semiconductor MIC4420BN Datasheet HTML 6Page - Micrel Semiconductor MIC4420BN Datasheet HTML 7Page - Micrel Semiconductor MIC4420BN Datasheet HTML 8Page - Micrel Semiconductor MIC4420BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M9999-072205
2
July 2005
MIC4420/4429
Micrel, Inc.
Ordering Information
Part No.
Temperature
Standard
Pb-Free
Range
Package
Configuration
MIC4420CN
MIC4420ZN
0°C to +70°C
8-Pin PDIP
Non-Inverting
MIC4420BN
MIC4420YN
–40°C to +85°C
8-Pin PDIP
Non-Inverting
MIC4420CM
MIC4420ZM
0°C to +70°C
8-Pin SOIC
Non-Inverting
MIC4420BM
MIC4420YM
–40°C to +85°C
8-Pin SOIC
Non-Inverting
MIC4420BMM
MIC4420YMM
–40°C to +85°C
8-Pin MSOP
Non-Inverting
MIC4420CT
MIC4420ZT
0°C to +70°C
5-Pin TO-220
Non-Inverting
MIC4429CN
MIC4429ZN
0°C to +70°C
8-Pin PDIP
Inverting
MIC4429BN
MIC4429YN
–40°C to +85°C
8-Pin PDIP
Inverting
MIC4429CM
MIC4429ZM
0°C to +70°C
8-Pin SOIC
Inverting
MIC4429BM
MIC4429YM
–40°C to +85°C
8-Pin SOIC
Inverting
MIC4429BMM
MIC4429YMM
–40°C to +85°C
8-Pin MSOP
Inverting
MIC4429CT
MIC4429ZT
0°C to +70°C
5-Pin TO-220
Inverting
Pin Configurations
1
2
3
4
8
7
6
5
VS
OUT
OUT
GND
VS
IN
NC
GND
Plastic DIP (N)
SOIC (M)
MSOP (MM)
5 OUT
4 GND
3 VS
2 GND
1 IN
TO-220-5 (T)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
TO-220-5
DIP, SOIC, MSOP
1
2
IN
Control Input
2, 4
4, 5
GND
Ground: Duplicate pins must be externally connected together.
3, TAB
1, 8
VS
Supply Input: Duplicate pins must be externally connected together.
5
6, 7
OUT
Output: Duplicate pins must be externally connected together.
3
NC
Not connected.


Similar Part No. - MIC4420BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420BN MICREL-MIC4420BN Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4420BN MICREL-MIC4420BN Datasheet
228Kb / 12P
   6A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4420BN MIC-MIC4420BN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4420BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
   6A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420 MICREL-MIC4420_05 Datasheet
228Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
   6A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
   6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com