Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC59P50 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC59P50
Description  8-Bit Parallel-Input Protected Latched Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P50 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC59P50 Datasheet HTML 1Page - Micrel Semiconductor MIC59P50 Datasheet HTML 2Page - Micrel Semiconductor MIC59P50 Datasheet HTML 3Page - Micrel Semiconductor MIC59P50 Datasheet HTML 4Page - Micrel Semiconductor MIC59P50 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
October 1998
7-61
MIC59P50
Micrel
7
CLEAR
F
STROBE
OUTPUT
ENABLE
IN
C
B
A
G
N
E
C
B
A
G
D
C
B
E
OUT N
Timing Conditions
(T
A
= +25
°C, Logic Levels are V
DD
and VSS, VDD = 5V).
A.
Minimum data active time before strobe enabled (data set-up time) ...................................................................... 50 ns
B.
Minimum data active time after strobe disabled (data hold time) ............................................................................ 50 ns
C.
Minimum strobe pulse width .................................................................................................................................. 125 ns
D.
Typical time between strobe activation and output on to off transition .................................................................. 500 ns
E.
Typical time between strobe activation and output off to on transition .................................................................. 500 ns
F.
Minimum clear pulse width .................................................................................................................................... 300 ns
G.
Minimum data pulse width ..................................................................................................................................... 225 ns
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
–50
0
50
100
150
TEMPERATURE (°C)
Output Saturation
Voltage vs. Temperature
IL = 350mA
VDD = 5V to 12V
IL = 100mA
0
1
2
3
4
5
6
–50
0
50
100
150
TEMPERATURE (°C)
Supply Current
vs. Temperature
VDD = 5V
ALL OUTPUTS ON
ALL OUTPUTS OFF
0
1
2
3
4
5
6
7
0.4
0.5
0.6
0.7
0.8
0.9
OUTPUT CURRENT (A)
Current Shutdown
Delay vs. Output Current
VDD = 5V
VDD = 12V
0.35
0.40
0.45
0.50
0.55
0.60
–50
0
50
100
150
TEMPERATURE (°C)
VDD = 5V
VDD = 12V
Current Shutdown
Threshold vs. Temperature
0
1
2
3
4
5
6
7
8
–50
0
50
100
150
TEMPERATURE (°C)
Supply Current
vs. Temperature
VDD = 12V
ALL OUTPUTS ON
ALL OUTPUTS OFF
100
120
140
160
180
200
220
240
260
56789 10 11 12 13 14 15
SUPPLY VOLTAGE (V)
Output Enable Delay
vs. Supply Voltage
TD OFF
TD ON
RL = 50Ω
Typical Characteristic Curves


Similar Part No. - MIC59P50

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC59P50 MICREL-MIC59P50 Datasheet
95Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50 Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50BN MICREL-MIC59P50BN Datasheet
95Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50BN MICREL-MIC59P50BN Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50BV MICREL-MIC59P50BV Datasheet
95Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
More results

Similar Description - MIC59P50

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50 Datasheet
95Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com