Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BV301D15017 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # BV301D15017
Description  SEALED POWER TRANFORMERS BV SERIES EI30 0.6VA . 2.8VA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

BV301D15017 Datasheet(HTML) 1 Page - ZETTLER Electronics

  BV301D15017 Datasheet HTML 1Page - ZETTLER Electronics BV301D15017 Datasheet HTML 2Page - ZETTLER Electronics BV301D15017 Datasheet HTML 3Page - ZETTLER Electronics BV301D15017 Datasheet HTML 4Page - ZETTLER Electronics BV301D15017 Datasheet HTML 5Page - ZETTLER Electronics BV301D15017 Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ZETTLER
Magnetics, Inc.
75 COLUMBIA • ALISO VIEJO, CA 92656 • 949-360-5838 • FAX 949-360-5839
WEB SITE: HTTP://WWW.ZETTLERMAGNETICS.COM • E-MAIL: SALES@ZETTLERMAGNETICS.COM
UL & VDE CERTIFICATION
SMALL PHYSICAL FOOTPRINT
ENVIRONMENTALLY PROTECTED
COST EFFECTIVE DESIGN OPTION
INPUT 115V OR 230V / SINGLE AND DUAL OUTPUT
SPLIT BOBBIN DESIGN – ISOLATED PRIMARY
AND SECONDARY WINDINGS
SELF-EXTINGUISHING PLASTICS UL94V-0
DIELECTRIC STRENGTH 4200Vrms
INHERENTLY ENERGY LIMITED
RESIN CLASS B IEC 85, VACUUM SEALED
CONFORMS TO EN 61558 AND EN 60950
100% PRODUCTION TESTED
SEALED POWER TRANFORMERS
BV SERIES EI30 0.6VA – 2.8VA
FEATURES
OUTLINE DIMENSIONS
10,0±0.2
20,0±0.20
32.8
9
20,0±0.20
27.80
5
5,0±0.20
7
6
15.40
5.00±0.50
Input
Input
10,0±0.2
32.8
20,0±0.20
20,0±0.20
27.80
1
5
5,0±0.2
10
7
1
5
9
7
Ø0,8 TYP.
6
7
5
1
9
10
9
1
Dual outputs
Single output
Dual outputs
Single output
SCHEMATIC DIAGRAM:
1
5
1
9
7
Input
Output
6
5
1
Output
Input
9
7
Dual outputs
Single output
WIRING DIAGRAM:
MECHANICAL DATA:


Similar Part No. - BV301D15017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BV301D15006 ETC-BV301D15006 Datasheet
127Kb / 6P
   UL & VDE CERTIFICATION
More results

Similar Description - BV301D15017

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BV030-6061.0 PULSE-BV030-6061.0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 12.5 - 1.2VA
BV030-5693.0 PULSE-BV030-5693.0 Datasheet
71Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 10.5 - 1.0VA
logo
Vishay Siliconix
SFH614A VISHAY-SFH614A Datasheet
88Kb / 6P
   Optocoupler, Phototransistor Output, 300 V BV-CEO
Rev. 1.3, 19-Apr-04
logo
Pulse A Technitrol Comp...
BV030 PULSE-BV030 Datasheet
460Kb / 12P
   LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA
logo
Bel Fuse Inc.
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
2795R BEL-2795R Datasheet
57Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Murata Manufacturing Co...
935148522310-F1T MURATA1-935148522310-F1T Datasheet
597Kb / 7P
   Wire bonding vertical SiCap WASC522.310 (100pF/0101/BV>150V)
Rev. 2.0
logo
Bel Fuse Inc.
2771D BEL-2771D Datasheet
41Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
2795K BEL-2795K Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com