Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDM-51SBS Datasheet(PDF) 3 Page - ITT Industries

Part # MDM-51SBS
Description  The Micro Line - .050 Contact Spacing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-51SBS Datasheet(HTML) 3 Page - ITT Industries

  MDM-51SBS Datasheet HTML 1Page - ITT Industries MDM-51SBS Datasheet HTML 2Page - ITT Industries MDM-51SBS Datasheet HTML 3Page - ITT Industries MDM-51SBS Datasheet HTML 4Page - ITT Industries MDM-51SBS Datasheet HTML 5Page - ITT Industries MDM-51SBS Datasheet HTML 6Page - ITT Industries MDM-51SBS Datasheet HTML 7Page - ITT Industries MDM-51SBS Datasheet HTML 8Page - ITT Industries MDM-51SBS Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ittcannon.com
233
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Micro-D Metal Shell - .050" Contact Spacing
MDM
Standard Wire Termination Codes
Contact Arrangements
Harness TYPE (H)
(Face View of Pin insert - Use Reverse Order for Socket Side)
Standard
9 Contacts
1
2
3
4
5
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
11
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15 16 17 18 19
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10
11 12 13
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45
46 47 48 49 50 51
52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75
76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
A1
A1
A2
A3
A4
1
2
3
4
5
6
7
8
9
10
11
12 13
14 15 16 17 18
19
20
A2
1
2
3
4
5
36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
20 21 22 23
24 25 26 27 28 29 30 31 32 33 34 35 36 37
17
18 19 20 21 22 23
24 25 26 27 28 29 30 31
14
15 16 17 18 19 20 21 22 23 24
25
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
9
10 11 12 13 14 15
12
13 14 15 16 17 18 19 20 21
6
7
8
9
15 Contacts
21 Contacts
37 Contacts
31 Contacts
25 Contacts
51 Contacts
Coaxial
Size 51 Shell
20 Micro Contacts
4 Coax or 4 Power
(Not MS)
Size 25 Shell
5 Micro contact
2 Coax or 2 Power
.320
(8.13)
.714 (18.14)
.460 (11.68)
.007
(0.18)
.043
(10.92)
.050
(12.70)
TYP.
100 Contacts
Contact identification numbers are for reference only and do not appear on insulator or connector body.
Solid Uninsulated Type (L)
Length
3 (76.2)
6 (152.4)
8 (203.2)
10 (254.0)
12 (304.8)
18 (457.2)
20 (508.0)
24 (609.6)
30 (762.0)
36 (914.4)
48 (1219.2)
72 (1828.8)
120 (3048.0)
* Cavity #1 black
Milimeters are in parentheses.
H020
H019
H026
H029
H028
H001
H038
H009
H010
H011
H013
H017
H042
H027
H016
H034
H025
H002
H003
H023
H004
H005
H006
H048
H046
H041
L61
L56
L57
L39
L58
L1
L14
L2
L7
L6
L16
L10
.125 (3.18)
.150 (3.81)
.190 (4.83)
.250 (6.35)
.375 (9.52)
.500 (12.70)
.750 (19.05)
1.000 (25.40)
1.500 (38.10)
2.000 (50.80)
2.500 (63.50)
3.000 (76.20)
#26 AWG per MIL-W-16878/4, 7/34 strand, type E Teflon, stranded.
#25 AWG gold plated copper
All Yellow
Color Coded*
Termination Code
Length
The following tetmination codes are listed for your
information. For lengths not shown, consult factory
for proper modification code. All wire lengths are
minimum.
Cannon Modification Code (Not MS)


Similar Part No. - MDM-51SBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results

Similar Description - MDM-51SBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com