Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDM-51PBS Datasheet(PDF) 10 Page - ITT Industries

Part # MDM-51PBS
Description  The Micro Line - .050 Contact Spacing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-51PBS Datasheet(HTML) 10 Page - ITT Industries

Back Button MDM-51PBS Datasheet HTML 6Page - ITT Industries MDM-51PBS Datasheet HTML 7Page - ITT Industries MDM-51PBS Datasheet HTML 8Page - ITT Industries MDM-51PBS Datasheet HTML 9Page - ITT Industries MDM-51PBS Datasheet HTML 10Page - ITT Industries MDM-51PBS Datasheet HTML 11Page - ITT Industries MDM-51PBS Datasheet HTML 12Page - ITT Industries MDM-51PBS Datasheet HTML 13Page - ITT Industries MDM-51PBS Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ittcannon.com
240
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Micro-D Metal Shell - .050" Contact Spacing
MIL-C-83513
How to Order - ITT Cannon Part Number Nomenclature to MIL-C-83513
ITT CANNON SERIES
Metal Shell, Liquid Crystal Polymer (LCP)
Diallyl Phthalate Insulator
Polyester Insulator
MDM
MDB
MDVB
-
-
-
Plug, Connector, Solderpot
Receptacle, Connector, Solderpot
Plug, Connector, Crimp Type
Receptacle, Connector, Crimp Type
Hardware Only
Metal Shell
Plastic
01
02
03
04
05
-
-
-
-
-
Plug, Connector, Solderpot
Receptacle, Connector, Solderpot
Plug, Connector, Crimp Type
Receptacle, Connector, Crimp Type
06
07
08
09
-
-
-
-
long, #26 AWG per MIL-W-22759/11-26-9
long, #26 AWG per MIL-W-22759/11-26-9
long, #26 AWG per MIL-W-22759/11-26
Color Coded per MIL-STD-681, System 1
long, #26 AWG per MIL-W-22759/11-26-
Color Coded per MIL-STD-681, System 1
long. #25 AWG, type S per QQ-W-343,
Gold Plated
long, #25 AWG, type S per QQ-W-343,
Gold Plated
long, #25 AWG, type S per QQ-W-W-343,
Tin Plated
long, #25 AWG, type S per QQ-W-343,
Tin Plated
long, #26 AWG per MIL-W-22759/33-26-9
long, #26 AWG per MIL-W-22759/33-26-9
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1
long, #26 AWG per MIL-W-22759/11-26-9
long, #26 AWG per MIL-W-22759/11-26
Color Coded per MIL-STD-681, System 1
long, #26 AWG per MIL-W-22759/33-26-9
long, #26 AWG per MIL-W-22759/33-26
Color Coded per MIL-STD-681, System 1
18"
36"
18"
36"
.5"
1.0"
.5"
1.0"
18"
36"
18"
36"
72"
72"
72"
72"
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
9 Contact
15 Contact
21 Contact
25 Contact
31 Contact
37 Contact
51 Contact
100 Contact
METAL SHELL
No Number - For Solderpot
(Specify when ordering, if necessary.)
For every Mil-Spec P/N, ITT has one corresponding part numbers.
Example: ITT P/N's MDM01-A9
-
-
-
-
-
-
-
For space application, connector shell finish must be "A174"
and wire must be per MIL-W-22759/33-26.
Any deviations to these P/N's will result in assignment of a special
P/N, consult factory.
No size 100 in plastic type connector.
Color coding in accordance with MIL-STD-681, System 1 except the
appropriate color code is the individual contact cavity number minus
1 for contact positions.
For mounting hardware to Military Specification (sizes 9 to 100) see
page 238.
No number - for plastic type connector
No number - for Cadmium
A174 - Electroless Nickel
Tolerance on wire lengths-18", 36" and 72" long,
+1.00"/-0.00"
.5" and 1.00" + .200"/-.000"
PLASTIC
9 Contact
15 Contact
21 Contact
25 Contact
31 Contact
37 Contact
51 Contact
A9
B15
C21
D25
E31
F37
G51
H100
-
-
-
-
-
-
-
-
MD**
01
* *
* * * *
H100
-
-
MIL-C-83513 SLASH SHEET
INSERT ARRANGEMENT
WIRE TYPE
SHELL FINISH
Qualification to slash sheets 10 thru 27 for the PCB connector will be announeced when completed.
NOTES:
}
}
1
7
5
5
6
6
3
3
3
6
3
7
6
5
4
2
3
1
3
6
6
3
3
6


Similar Part No. - MDM-51PBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results

Similar Description - MDM-51PBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com