Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDM-37SBS Datasheet(PDF) 4 Page - ITT Industries

Part # MDM-37SBS
Description  The Micro Line - .050 Contact Spacing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-37SBS Datasheet(HTML) 4 Page - ITT Industries

  MDM-37SBS Datasheet HTML 1Page - ITT Industries MDM-37SBS Datasheet HTML 2Page - ITT Industries MDM-37SBS Datasheet HTML 3Page - ITT Industries MDM-37SBS Datasheet HTML 4Page - ITT Industries MDM-37SBS Datasheet HTML 5Page - ITT Industries MDM-37SBS Datasheet HTML 6Page - ITT Industries MDM-37SBS Datasheet HTML 7Page - ITT Industries MDM-37SBS Datasheet HTML 8Page - ITT Industries MDM-37SBS Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ittcannon.com
234
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Micro-D Metal Shell - .050" Contact Spacing
MDM
Shell Dimensions (Conforms to MIL-C-83513)
Panel Mounting Dimensions (Sizes 9 - 100)
Plug
Receptacle
Receptacle (MDM-100 only)
Part Number
By Shell Size
MDM-9P*
MDM-9S*
MDM-15P*
MDM-15S*
MDM-21P*
MDM-21P*
MDM-25P*
MDM-25S*
MDM-31P*
MDM-31S*
MDM-37P*
MDM-37S*
MDM-51P*
MDM-51S*
MDM-100P*
MDM-100S*
.785 (19.94)
.785 (19.94)
.935 (23.75)
.935 (23.75)
1.085 (27.56)
1.085 (27.56)
1.185 (30.10)
1.185 (30.10)
1.335 (33.91)
1.335 (33.91)
1.485 (37.72)
1.485 (37.72)
1.435 (36.45)
1.435 (36.45)
2.170 (55.12)
2.170 (55.12)
.334 (8.48)
.402 (10.21)
.484 (12.29)
.552 (13.97)
.634 (16.10)
.702 (17.83)
.734 (18.64)
.802 (20.37)
.884 (22.45)
.952 (24.18)
1.034 (26.26)
1.102 (27.99)
.984 (24.99)
1.052 (26.72)
1.384 (35.15)
1.508 (38.10)
*Add lead type and length; see How To Order.
.200 +
_.005
(5.08+_0.13)
Plug and Receptacle
Rear Mounted
Plug and Receptacle
Front Mounted
Plug Front Mounted
Receptacle Rear Mounted
Solder Pot
Solder Pot
Pigtail termination
.395 +
_.005
(10.03+_0.13)
.300 +
_.005
(7.62+_0.13)
.110 (2.79)
MAX.
.110 (2.79)
MAX.
.200 (5.08)
MAX.
.200 (5.08)
MAX.
D
D
D
F
F
F
TWO MTG. HOLES
.009 +
_.003(2.31 +
_0.008)
TWO MTG. HOLES
.009 +
_.003(2.31 +
_0.008)
TWO MTG. HOLES
.120 +
_.003(2.31 +
_0.08)
.284 (7.21)
MAX.
.296 (7.52)
MAX.
.416 (10.57)
MAX.
.429 (10.09)
MAX.
.394 (10.01)
MAX.
.198 (5.03)
MAX.
.296 (7.52)
MAX.
.394 (10.01)
MAX.
C
C
C
B
B
B
.186 (4.72)
MAX.
.093
(2.36)
REF.
.093
(2.36)
REF.
.093 (2.36)
REF.
.198 (5.03)
MAX.
A
A
A
E
E
E
G
G
G
***Weight given is 1/2", uninsulated, solid, #25 AWG gold plated copper pigtails.
.400 (10.16)
.400 (10.16)
.550 (13.97)
.550 (13.97)
.700 (17.78)
.700 (17.78)
.800 (20.32)
.800 (20.32)
.950 (24.13)
.950 (24.13)
1.100 (27.94)
1.100 (27.94)
1.050 (26.67)
1.050 (26.67)
1.442 (36.63)
1.442 (36.63)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.270 (6.86)
.310 (7.87)
.310 (7.87)
.360 (9.14)
.360 (9.14)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.351 (8.92)
.351 (8.92)
.394 (10.01)
.394 (10.01)
.565 (14.35)
.565 (14.35)
.715 (18.16)
.715 (18.16)
.865 (21.97)
.865 (21.97)
.965 (24.51)
.965 (24.51)
1.115 (28.32)
1.115 (28.32)
1.265 (32.13)
1.265 (32.13)
1.215 (30.86)
1.215 (30.86)
1.800 (45.72)
1.800 (45.72)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.228 (5.79)
.296 (7.52)
.271 (6.88)
.394 (10.01)
.063 (1.79)
.063 (1.79)
.084 (2.39)
.083 (2.37)
.105 (2.99)
.104 (2.97)
.119 (3.39)
.118 (3.36)
.140 (3.99)
.139 (3.96)
.161 (4.59)
.160 (4.56)
.193 (5.50)
.188 (5.35)
.500 (14.3)
1.040 (29.5)
A
Max.
B
Max.
C
Max.
D
Max.
E
Max.
F
+
_.005
(0.13)
G
Max.
Average Weights**
oz. (gm.) +
_5%


Similar Part No. - MDM-37SBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results

Similar Description - MDM-37SBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com