Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRC2518T3R3M Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # BRC2518T3R3M
Description  WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BRC2518T3R3M Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BRC2518T3R3M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BRC2518T3R3M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BRC2518T3R3M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BRC2518T3R3M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BRC2518T3R3M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BRC2518T3R3M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc BRC2518T3R3M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc BRC2518T3R3M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc BRC2518T3R3M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_BR_reli_e-E02R01
Wound Chip power inductor (BR-series)
RELIABILITY DATA
1. Operating Temperature Range
Specified Value
ALL OF BR-SERIES
-40~+105℃
Test Methods and
Remarks
Including self-generated heat
2. Storage Temperature Range(after soldering)
Specified Value
ALL OF BR-SERIES
-40~+85℃
Test Methods and
Remarks
Please refer the term of "7.Storage conditions" in Precautions.
3. Rated current
Specified Value
ALL OF BR-SERIES
Within the specified tolerance
4. Inductance
Specified Value
ALL OF BR-SERIES
Within the specified tolerance
Test Methods and
Remarks
Measuring equipment
: LCR Meter (HP 4285A or equivalent)
Measuring frequency
: Specified frequency
5. DC Resistance
Specified Value
ALL OF BR-SERIES
Within the specified tolerance
Test Methods and
Remarks
Measuring equipment
: DC ohmmeter (HIOKI 3227 or equivalent)
6. Self resonance frequency
Specified Value
ALL OF BR-SERIES
Within the specified tolerance
Test Methods and
Remarks
Measuring equipment
: Impedance analyzer/material analyzer
(HP4291A or equivalent HP4191A, 4192A or equivalent)
7. Temperature characteristic
Specified Value
ALL OF BR-SERIES
Inductance change : Within ±15%
Test Methods and
Remarks
Based on the inductance at 20℃ and Measured at the ambient of -40℃~+85℃.
8. Resistance to the bendability
Specified Value
ALL OF BR-SERIES
No damage.
Test Methods and
Remarks
The given sample is soldered on the board and then the back side of the board is pushed until it bends 2mm like the figure.
Dimension of the board
: 100×40×1.0mm (0.8mm thickness for 1608(0603) inductors)
Material of the board
: Glass-epoxy
Thickness of soldering paste
: 0.12mm


Similar Part No. - BRC2518T3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRC2518T3R3M TAIYO-YUDEN-BRC2518T3R3M Datasheet
913Kb / 19P
   WOUND CHIP POWER INDUCTOR
BRC2518T3R3M TAIYO-YUDEN-BRC2518T3R3M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRC2518T3R3M TAIYO-YUDEN-BRC2518T3R3M Datasheet
355Kb / 3P
   Wire-wound Ferrite Power Inductors LSQPB series for General Electronic Equipment
2021/8/3
More results

Similar Description - BRC2518T3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRL3225T1R0M TAIYO-YUDEN-BRL3225T1R0M Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T2R2M TAIYO-YUDEN-BRL1608T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T4R7M TAIYO-YUDEN-BRL3225T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2515T4R7MD TAIYO-YUDEN-BRL2515T4R7MD Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2012T4R7M TAIYO-YUDEN-BRL2012T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T2R2M TAIYO-YUDEN-BRL3225T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T100M TAIYO-YUDEN-BRL1608T100M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC1608TR56M TAIYO-YUDEN-BRC1608TR56M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC2518T1R5M TAIYO-YUDEN-BRC2518T1R5M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRL3225T100M TAIYO-YUDEN-BRL3225T100M_19 Datasheet
276Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com