Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRC1608 Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # BRC1608
Description  WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BRC1608 Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BRC1608 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc BRC1608 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc BRC1608 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BRC1608 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BRC1608 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BRC1608 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BRC1608 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BRC1608 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc BRC1608 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_BR_pack_e-E02R01
WIRE-WOUND CHIP POWER INDUCTORS(BR SERIES)
PACKAGING
①Minimum Quantity
Type
Standard Quantity [pcs]
Paper Tape
Embossed Tape
BR C1608
3,000
BR L1608
3,000
BR L2012
3,000
BR C2012
2,000
BR C2016
2,000
BR L2515
2,000
BR C2518
2,000
BRHL2518
2,000
BR L2518
3,000
BRFL2518
3,000
BR L3225
2,000
②Tape Material
Embossed tape
Top tape
Base tape
Sprocket hole
Chip cavity
Chip
Chip Filled
③Taping dimensions
Embossed Tape 8mm wide (0.315 inches wide)


Similar Part No. - BRC1608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BRC1608T1R0M AD-BRC1608T1R0M Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
BRC1608T1R0M AD-BRC1608T1R0M Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
logo
Taiyo Yuden (U.S.A.), I...
BRC1608T1R0M TAIYO-YUDEN-BRC1608T1R0M Datasheet
913Kb / 19P
   WOUND CHIP POWER INDUCTOR
BRC1608T1R0M TAIYO-YUDEN-BRC1608T1R0M Datasheet
280Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRC1608T1R0M TAIYO-YUDEN-BRC1608T1R0M Datasheet
353Kb / 3P
   Wire-wound Ferrite Power Inductors LSQPB series for General Electronic Equipment
2021/8/3
More results

Similar Description - BRC1608

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRL3225T1R0M TAIYO-YUDEN-BRL3225T1R0M Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T2R2M TAIYO-YUDEN-BRL1608T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T4R7M TAIYO-YUDEN-BRL3225T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2515T4R7MD TAIYO-YUDEN-BRL2515T4R7MD Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL2012T4R7M TAIYO-YUDEN-BRL2012T4R7M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL3225T2R2M TAIYO-YUDEN-BRL3225T2R2M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRL1608T100M TAIYO-YUDEN-BRL1608T100M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC1608TR56M TAIYO-YUDEN-BRC1608TR56M Datasheet
140Kb / 1P
   Wire-wound Chip Power Inductors (BR series)
BRC2518T1R5M TAIYO-YUDEN-BRC2518T1R5M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRC]
BRL3225T100M TAIYO-YUDEN-BRL3225T100M_19 Datasheet
276Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com