Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH76812FVM Datasheet(PDF) 11 Page - Rohm

Part # BH76812FVM
Description  Output Capacitor-less Video Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76812FVM Datasheet(HTML) 11 Page - Rohm

Back Button BH76812FVM Datasheet HTML 7Page - Rohm BH76812FVM Datasheet HTML 8Page - Rohm BH76812FVM Datasheet HTML 9Page - Rohm BH76812FVM Datasheet HTML 10Page - Rohm BH76812FVM Datasheet HTML 11Page - Rohm BH76812FVM Datasheet HTML 12Page - Rohm BH76812FVM Datasheet HTML 13Page - Rohm BH76812FVM Datasheet HTML 14Page - Rohm BH76812FVM Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
BH76806FVM, BH76809FVM, BH76812FVM, BH76816FVM
www.rohm.com
2014.08 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Reference data
Fig. 16 Circuit current vs. Supply voltage
Fig. 18 Circuit current vs. Temperature
Fig. 19
Circuit Current (Standby) vs. Temperature
Fig. 20
VOUT DC offset voltage
vs. Supply voltage
Fig. 21
VOUT DC offset voltage
vs. Temperature
Fig. 22
Frequency characteristic
Fig. 23
Voltage gain vs. Supply voltage
POWER SUPPLY VOLTAGE [V]
Ta=25℃
10
12
14
16
18
20
-50
0
50
100
TEMPERATURE [℃]
VCC=3V
-50
-25
0
25
50
-50
0
50
100
TEMPERATURE [℃]
VCC=3V
0
0.2
0.4
0.6
0.8
1
2.5
2.7
2.9
3.1
3.3
3.5
POWER SUPPLY VOLTAGE [V]
Ta=25℃
11.5
11.6
11.7
11.8
11.9
12
12.1
12.2
12.3
12.4
12.5
2.5
2.7
2.9
3.1
3.3
3.5
POWER SUPPLY VOLTAGE [V]
Ta=25℃
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
VCC=3V
TEMPERATURE [℃]
-50
-25
0
25
50
2.5
2.7
2.9
3.1
3.3
3.5
Ta=25℃
POWER SUPPLY VOLTAGE [V]
-75
-65
-55
-45
-35
-25
-15
-5
5
0.1
1
10
100
FREQUENCY [MHz]
VCC=3V
Ta=25℃
BH76812FVM
BH76812FVM
BH76812FVM
BH76812FVM
BH76812FVM
BH76812FVM
BH76812FVM
BH76812FVM
Fig. 17
Circuit Current (Standby) vs. Supply Voltage
0
5
10
15
20
25
30
0123
4


Similar Part No. - BH76812FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76812FVM ROHM-BH76812FVM Datasheet
144Kb / 6P
   Low voltage operation video driver with LPF
BH76812FVM ROHM-BH76812FVM Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
More results

Similar Description - BH76812FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76906GU ROHM-BH76906GU_09 Datasheet
520Kb / 17P
   Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
New Japan Radio
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
NJU71031 NJRC-NJU71031 Datasheet
242Kb / 8P
   OUTPUT COUPLING CAPACITOR-LESS LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com