Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

223929 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 223929
Description  I/0 Box ( passive )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

223929 Datasheet(HTML) 1 Page - ERNI Electronics

  223929 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
46
(4)
(5)
(2)
(3)
(1)
Anzugsdrehmoment / torque
06.06.2008
M8 Buchsen 4-polig / M8 sockets 4 pin
Prinzipschaltbild / schematic diagramm:
(5) Kennzeichnungsschild / label plate
Index
M8 Buchsen 3-polig / M8 sockets 3 pin
Date
-
(2) LED gelb für Signal 1 (Kontakt 4) / LED yellow for Signal 1 (pin 4)
M4 Befestigunggschraube / fastening screw
0,8 Nm -0,2 Nm
(3) LED weiß für Signal 2 (Kontakt 2) / LED white for Signal 2 (pin 2)
M12 Steckverbinder / connector
0,4 Nm +0,1 Nm
Kontaktbelegung M8 / contact assignment M8 sockets
4-polig / 4 pin
3-polig / 3 pin
S, S1 = Signal 1 / signal 1
S2 = Signal 2 / signal 2
(1) LED grün für Betriebsanzeige / LED green for operation display
(4) Nummerierung Steckplatz / numbering socket
Part No. Pin count Cable length
Copper
weight
LED
( Input current )
Jacket
diameter
Conductor
cross-section
354857
3 pin
3 m
107 g
green ( 7 mA )
yellow ( 4,1 mA )
8,5 ±0,2
6 x 0,34 mm² + 2 x 0,75 mm²
5 m
175 g
10 m
344 g
15 m
512 g
354858
4 pin
3 m
169 g
green ( 7 mA )
yellow ( 4,1 mA )
white ( 1,5 mA )
9,5
±0,2
12 x 0,34 mm² + 2 x 0,75 mm²
5 m
275 g
10 m
541 g
15 m
806 g
contact one of the ERNI companies
6 x M8 Sockets
223929
IO-BOX
www.ERNI.com
1:2
Information:
Tolerances
Scale
All Dimensions
in mm [in]
prior notice.
Class
Subject to modification without
A3
Designation
(1/1)
I/0 Box ( passive )
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
I
109
46
42,4
T e chni cal Sp e cificati o ns
Standard applic.
Ele ctri cal Data
Co ding:
N.A .
Rated (no minal) vo ltage
IEC 61-076-2-101
24 V DC (18 V ... 30,2 V DC)
Co nnectio n:
Screw lo cking M 8 x 1mm (0,4 Nm)
Rated current
IEC 61-076-2-101
2 A
P acking:
B ag / 1pcs.
To tal current
max.
10 A
Mate ri als & Fi ni sh
Rated impulse vo ltage
IEC 61-076-2-101
0,8 kV
Ho using
Standard descriptio n
TP U Elasto llan 1185A
Co ntact resistance
max.
5 M Ohms
Co re / parts o f ho using
Standard descriptio n
P A 6 Ultramid B 3WM 602
Insulatio n resistance
min.
1.000 mOhms
Insulatio n bo dy
Standard descriptio n
P A 6T/66 Zytel HTNFR52G30B L
Co ntact material (female co ntact): Standard descriptio n
CuNi2Si HV160U
Co ntact finish, mating zo ne:
Thickness o f plating
Cu/Ni 1µm P d 0,5µm A u 0,1µm
P ro tectio n class (mated and lo cked) IEC 60529
IP 65, IP67
Gasket
Standard descriptio n
TP U Elasto llan 1185A
P o llutio n degree
3
Cab le
Insulatio n catego ry
IEC 60644-1
III
Jacket material
Standard descriptio n
P UR/P VC (UL/CSA )
Ro HS co mpliant
Yes
Jacket co lo r
grey (RA L7040)
UL flammability
UL 94 HB
Wire insulatio n
Standard descriptio n
P VC
Drag chain data
B ending radius at flexible usage:
min. 10 x cable diameter
Vibratio n
EN 60068-2-6
5 Hz ... 58 Hz; co nst. A mplitude 0,75 mm
min. bending cycles:
58 Hz ... 500 Hz; co nst. A cceleratio n 10g
2 M io . at max. speed o f 2 m/sec.
Frequency changing: 1Oct. / min
Temperature range (cable)
fixed installatio n: -30 °C to +80 °C
Number o f cycles: 20
flexible installatio n: -5 °C to +80 °C
Sho ck
EN 60068-2-27
Half sine sho ck
A cceleratio n 30 g, Duratio n 11ms
Number o f sho cks 3 per axis and directio n
Appro vals
Envi ro nme ntal Co nd i ti o ns


Similar Part No. - 223929

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
223926 ERNI-223926 Datasheet
97Kb / 1P
   I/O Box ( passive )
223927 ERNI-223927 Datasheet
120Kb / 1P
   I/O Box ( passive )
223928 ERNI-223928 Datasheet
99Kb / 1P
   I/O Box ( passive )
More results

Similar Description - 223929

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
223927 ERNI-223927 Datasheet
120Kb / 1P
   I/O Box ( passive )
223928 ERNI-223928 Datasheet
99Kb / 1P
   I/O Box ( passive )
223931 ERNI-223931 Datasheet
119Kb / 1P
   I/O Box ( passive )
223926 ERNI-223926 Datasheet
97Kb / 1P
   I/O Box ( passive )
223930 ERNI-223930 Datasheet
112Kb / 1P
   I/O Box ( passive )
logo
Alpha Wire
802 ALPHAWIRE-802 Datasheet
165Kb / 2P
   M8 Plastic Passive I/O Box
803 ALPHAWIRE-803 Datasheet
183Kb / 3P
   M8 Plastic Passive I/O Box
800 ALPHAWIRE-800 Datasheet
190Kb / 3P
   M8 Plastic Passive I/O Box
804 ALPHAWIRE-804 Datasheet
175Kb / 3P
   M8 Plastic Passive I/O Box
801 ALPHAWIRE-801 Datasheet
196Kb / 3P
   M8 Plastic Passive I/O Box
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com