Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A13 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A13
Description  Process Sealed Subminiature Toggles
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  A13 Datasheet HTML 1Page - List of Unclassifed Manufacturers A13 Datasheet HTML 2Page - List of Unclassifed Manufacturers A13 Datasheet HTML 3Page - List of Unclassifed Manufacturers A13 Datasheet HTML 4Page - List of Unclassifed Manufacturers A13 Datasheet HTML 5Page - List of Unclassifed Manufacturers A13 Datasheet HTML 6Page - List of Unclassifed Manufacturers A13 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
www.nkk.com
A10
A
Vertical PC
Single Pole
Vertical PC
Double Pole
A12AV
V Terminals
V1 Terminals
A22AV
Right Angle PC
Single Pole
Right Angle PC
Double Pole
A12AH
A22AH
(5.0)
.197
(6.0)
.236
(0.3)
.012
(9.8)
.386
(5.08)
.200
(0.3) Typ
.012
(2.6) Dia
.102
Slot
(0.8)
.031
(3.3)
.131
(3.1)
.122
(5.08)
.200
(0.7)
.028
(9.38)
.369
(4.5)
.177
(10.0)
.394
(6.18)
.243
1
2
3
(0.6) Dia Typ
.024
(2.54) Typ
.100
(5.08)
.200
(0.8) Dia Typ
.031
23
1
(2.54) Typ
.100
(5.08)
.200
6
45
23
1
(2.54) Typ
.100
(0.8) Dia Typ
.031
(2.54)
.100
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(5.08)
.200
6
4
52
3
1
(2.54) Typ
.100
(0.8) Dia Typ
.031
(5.08)
.200
(5.08)
.200
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(2.54)
.100
(5.0)
.197
(0.4)
.016
(6.0)
.236
Slot
(5.84)
.230
(2.54)
.100
(0.3) Typ
.012
(0.7) Typ
.028
(0.8)
.031
(5.3)
.208
(3.1)
.122
(0.5)
.020
(1.0)
.039
(2.54)
.100
(2.54)
.100
(2.54) Typ
.100
(10.0)
.394
(4.5)
.177
(14.46)
.569
(2.6) Dia
.102
26°
CL
1
2
3
(10.2)
.402
(0.6) Dia Typ
.024
(1.0)
.039
(5.08)
.200
3
2 1
4
5
6
(10.0)
.394
(0.6) Dia Typ
.024
(2.54) Typ
.100
(0.5)
.020
(3.1)
.122
(0.8)
.031
(5.2)
.205
(0.7)
.028
(2.54)
.100
(5.08)
.200
(16.4)
.646
(10.0)
.394
(3.5)
.138
(2.6) Dia
.102
Slot
(9.8)
.386
(0.3) Typ
.012
(5.08)
.200
(5.0)
.197
(6.0)
.236
(0.4)
.016
(10.2)
.402
(5.08)
.200
(0.6) Dia Typ
.024
1
2
3
4
5
6
26°
(2.6) Dia
.102
(3.5)
.138
(0.7)
.028
(1.0)
.039
(3.1)
.122
(0.5)
.020
(5.3)
.208
(0.8)
.031
(5.08)
.200
(2.54) Typ
.100
(10.0)
.394
(18.95)
.746
(6.0)
.236
(5.0)
.197
(0.4) Typ
.016
Slot
(0.3) Typ
.012
(9.5)
.374
(5.08)
.200
26°
TYPICAL SWITCH DIMENSIONS


Similar Part No. - A13

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A13 DBLECTRO-A13 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
logo
Texas Instruments
A13 TI1-A13 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
List of Unclassifed Man...
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
logo
Vishay Barry
A1300-40-3X BARRY-A1300-40-3X Datasheet
142Kb / 1P
   BeO 13 dB FLANGED ATTENUATOR
Revision Date 10/22/08
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results

Similar Description - A13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
B12AP NKK-B12AP Datasheet
299Kb / 8P
   Process Sealed Subminiature Antistatic Toggles
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
   Process Sealed Ultra-Miniature SMT Toggles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com