Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

214916 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 214916
Description  Messerleiste THR, Powerm. 1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

214916 Datasheet(HTML) 1 Page - ERNI Electronics

  214916 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6µm
Terminal Area 4-6µm tin plating
Koplanarität der Anschlüsse 0,1mm
Coplanarity Area of Termination
0,1mm
Abspulrichtung -
Reel off Direction
100
330
32,5
Tape on Reel Packaging
Verpackungseinheit: 420 Stück -
Verpackt in Gurtverpackung
-
Packaging unit: 420 pcs
1)
Leiterplatten-Layout Vorschlag /
1)
PCB-layout proposal
1) Durchmesser des Bohrers /
Drill tool
±0,03
1
1
0,7
11
0,9
±0,03
4 x 2 = 8
2
1,5
0,8
3
3 x 3 = 9
0,6 ±0,05
12,15
5,85
0,8
0,15
4,6
Ansaughaube
hood
0,5
8,95
12,15
0,6
11
a1
without hood
ohne Angsaughaube
a5
4 x 2 = 8
2
a1
16
prior notice.
contact one of the ERNI companies
Date
13.08.2010
i
Index
MSPEED
Male Con. THR, Powerm. 1mm
Messerleiste THR, Powerm. 1mm
214916
5:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please


Similar Part No. - 214916

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2149102-1 TEC-2149102-1 Datasheet
725Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
ERNI Electronics
214912 ERNI-214912 Datasheet
73Kb / 1P
   Federleiste THR, Powerm. 4mm
214913 ERNI-214913 Datasheet
76Kb / 1P
   Federleiste THR, Powerm. 6mm
214914 ERNI-214914 Datasheet
78Kb / 1P
   Federleiste SMD, Powerm. 6mm
214915 ERNI-214915 Datasheet
73Kb / 1P
   Federleiste THR, Powerm. 8mm
More results

Similar Description - 214916

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0000127 ERNI-DC0000127 Datasheet
67Kb / 1P
   Messerleiste THR, Powerm. 1mm Male Con. THR, Powerm. 1mm
100802650001 ERNI-100802650001 Datasheet
75Kb / 1P
   Messerleiste SMD, Powerm. 1mm
100401590001 ERNI-100401590001 Datasheet
76Kb / 1P
   Messerleiste SMD, Powerm. 1mm
214357 ERNI-214357 Datasheet
70Kb / 1P
   Messerleiste SMD, Powerm. 1mm
100103020001 ERNI-100103020001 Datasheet
79Kb / 1P
   Messerleiste SMD, Powerm. 1mm
DC0000126 ERNI-DC0000126 Datasheet
70Kb / 1P
   Messerleiste SMD, Powerm. 1mm Male Con. SMD. Powerm, 1mm
214918 ERNI-214918 Datasheet
82Kb / 1P
   Messerleiste THR, Powerm. 9mm
214919 ERNI-214919 Datasheet
82Kb / 1P
   Messerleiste THR, Powerm. 10mm
100301530001 ERNI-100301530001 Datasheet
78Kb / 1P
   Messerleiste THR, Powerm. 10mm
214917 ERNI-214917 Datasheet
69Kb / 1P
   Messerleiste THR, Powerm. 2mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com