Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1000A1IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1000A1IDBVT
Description  LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000A1IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1000A1IDBVT Datasheet HTML 4Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 5Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 6Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 7Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 8Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 9Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 10Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 11Page - Texas Instruments ADS1000A1IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
ADS1000 I2C ADDRESSES
I2C GENERAL CALL
REGISTERS
OUTPUT REGISTER
I2C DATA RATES
ADS1000
SBAS357A – SEPTEMBER 2006 – REVISED OCTOBER 2007
mode must be activated. To activate High-speed
mode, send a special address byte of 00001XXX
The ADS1000 I2C address is either 1001000 or
following the start condition, where the XXX bits are
1001001, set at the factory. The address is identified
unique to the Hs-capable master. This byte is called
with an A0 or an A1 within the orderable name.
the Hs master code. (Note that this is different from
The two different I2C variants are also marked
normal address bytes; the low bit does not indicate
differently. Devices with an I2C address of 1001000
read/write
status.)
The
ADS1000
will
not
have packages marked BD0, while devices with an
acknowledge this byte; the I2C specification prohibits
I2C address of 1001001 are marked with BD1. See
acknowledgment of the Hs master code. On receiving
the
Package/Ordering
Information
Table
for
a
a master code, the ADS1000 will switch on its
complete listing of the ADS1000 I2C addresses and
High-speed mode filters, and will communicate at up
tape and reel size.
to 3.4MHz. The ADS1000 switches out of Hs mode
with the next stop condition.
For more information on High-speed mode, consult
The ADS1000 responds to General Call Reset, which
the I2C specification.
is an address byte of 00h followed by a data byte of
06h. The ADS1000 acknowledges both bytes.
On receiving a General Call Reset, the ADS1000
The ADS1000 has two registers that are accessible
performs a full internal reset, just as though it had
via its I2C port. The output register contains the result
been powered off and then on. If a conversion is in
of the last conversion; the configuration register
process, it is interrupted; the output register is set to
allows users to change the ADS1000 operating mode
zero, and the configuration register returns to its
and query the status of the device.
default setting.
The ADS1000 always acknowledges the General Call
address byte of 00h, but it does not acknowledge any
The 16-bit output register contains the result of the
General Call data bytes other than 04h or 06h.
last conversion in binary two’s complement format.
Since the port yields 12 bits of data, the ADS1000
outputs right-justified and sign-extended codes. This
output format makes it possible to perform averaging
The I2C bus operates in one of three speed modes:
using a 16-bit accumulator.
Standard, which allows a clock frequency of up to
100kHz; Fast, which allows a clock frequency of up to
Following reset or power-up, the output register is
400kHz; and High-speed mode (also called Hs
cleared to '0'; it remains zero until the first conversion
mode), which allows a clock frequency of up to
is completed. Therefore, if a user reads the ADS1000
3.4MHz. The ADS1000 is fully compatible with all
just after reset or power-up, the output register will
three modes.
read '0'.
No special action needs to be taken to use the
The output register format is shown in Table 2.
ADS1000 in Standard or Fast modes, but High-speed
Table 2. OUTPUT REGISTER
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NAME
D15(1)
D14(1)
D13(1)
D12(1)
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(1)
D15–D12 are sign extensions of 12-bit data.
8
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1000


Similar Part No. - ADS1000A1IDBVT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000A1IDBVT AD-ADS1000A1IDBVT Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS1000A1IDBVTG4 AD-ADS1000A1IDBVTG4 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results

Similar Description - ADS1000A1IDBVT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com