Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1110A7IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1110A7IDBVT
Description  16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1110A7IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1110A7IDBVT Datasheet HTML 3Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 4Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 5Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 6Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 7Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 8Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 9Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 10Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADS1110
SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003
www.ti.com
7
For example, the ideal expression for output codes with a
data rate of 16SPS and PGA = 2 is:
Output Code
+ 16384
2
(V
IN
)) * (VIN*)
2.048V
The ADS1110 outputs all codes right-justified and
sign-extended. This makes it possible to perform
averaging on the higher data rate codes using only a 16-bit
accumulator.
Table 2 shows the output codes for various input levels.
SELF-CALIBRATION
The previous expressions for the ADS1110’s output code
do not account for the gain and offset errors in the
modulator. To compensate for these, the ADS1110
incorporates self-calibration circuitry.
The self-calibration system operates continuously and
requires no user intervention. No adjustments can be
made to the self-calibration system, and none need to be
made. The self-calibration system cannot be deactivated.
The offset and gain error figures shown in the Electrical
Characteristics include the effects of calibration.
CLOCK OSCILLATOR
The ADS1110 features an onboard clock oscillator, which
drives the operation of the modulator and digital filter. The
Typical Characteristics show variations in data rate over
supply voltage and temperature.
It is not possible to operate the ADS1110 with an external
system clock.
INPUT IMPEDANCE
The ADS1110 uses a switched-capacitor input stage. To
external circuitry, it looks roughly like a resistance. The
resistance value depends on the capacitor values and the
rate at which they are switched. The switching frequency
is the same as the modulator frequency; the capacitor
values depend on the PGA setting. The switching clock is
generated by the onboard clock oscillator, so its frequency,
nominally 275kHz, is dependent on supply voltage and
temperature.
The common-mode and differential input impedances are
different. For a gain setting of PGA, the differential input
impedance is typically:
2.8M
Ω/PGA
The common-mode impedance also depends on the PGA
setting. See the Electrical Characteristics for details.
The typical value of the input impedance often cannot be
neglected. Unless the input source has a low impedance,
the
ADS1110’s
input
impedance
may
affect
the
measurement accuracy. For sources with high output
impedance, buffering may be necessary. Bear in mind,
however, that active buffers introduce noise, and also
introduce offset and gain errors. All of these factors should
be considered in high-accuracy applications.
Because the clock oscillator frequency drifts slightly with
temperature, the input impedances will also drift. For many
applications, this input impedance drift can be neglected,
and the expression given above for typical input
impedance can be used.
ALIASING
If frequencies are input to the ADS1110 that exceed half
the data rate, aliasing will occur. To prevent aliasing, the
input signal must be bandlimited. Some signals are
inherently bandlimited. For example, a thermocouple’s
output, which has a limited rate of change, may
nevertheless contain noise and interference components.
These can fold back into the sampling band just as any
other signal can.
The ADS1110’s digital filter provides some attenuation of
high-frequency noise, but the digital filter’s Sinc1
frequency response cannot completely replace an
anti-aliasing filter. For a few applications, some external
filtering may be needed; in such applications, a simple RC
filter will suffice.
When designing an input filter circuit, remember to take
into account the interaction between the filter network and
the input impedance of the ADS1110.
DATA RATE
DIFFERENTIAL INPUT SIGNAL
DATA RATE
−2.048V(1)
−1LSB
ZERO
+1LSB
+2.048V
15SPS
8000H
FFFFH
0000H
0001H
7FFFH
30SPS
C000H
FFFFH
0000H
0001H
3FFFH
60SPS
E000H
FFFFH
0000H
0001H
1FFFH
240SPS
F800H
FFFFH
0000H
0001H
07FFH
(1) Differential input only; do not drive the ADS1110’s inputs below −200mV.
Table 2. Output Codes for Different Input Signals


Similar Part No. - ADS1110A7IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110A7IDBVT TI-ADS1110A7IDBVT Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A7IDBVT TI1-ADS1110A7IDBVT Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110A7IDBVT TI1-ADS1110A7IDBVT Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A7IDBVTG4 TI1-ADS1110A7IDBVTG4 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
More results

Similar Description - ADS1110A7IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com