Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1000A0IDBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1000A0IDBVR
Description  LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000A0IDBVR Datasheet(HTML) 5 Page - Texas Instruments

  ADS1000A0IDBVR Datasheet HTML 1Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 2Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 3Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 4Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 5Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 6Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 7Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 8Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
THEORY OF OPERATION
ANALOG-TO-DIGITAL CONVERTER
RESET AND POWER-UP
OUTPUT CODE CALCULATION
I2C INTERFACE
Output Code + 2048(PGA)
V
IN)*VIN
V
DD
CLOCK GENERATOR
USING THE ADS1000
OPERATING MODES
ADS1000
SBAS357A – SEPTEMBER 2006 – REVISED OCTOBER 2007
conversion has been completed, the ADS1000 places
The ADS1000 is a fully differential, 12-bit A/D
the result in the output register, and immediately
converter. The ADS1000 allows users to obtain
begins another conversion. When the ADS1000 is in
precise measurements with a minimum of effort, and
continuous conversion mode, the ST/BSY bit in the
the device is extremely easy to design with and
configuration register always reads '1'.
configure.
In single conversion mode, the ADS1000 waits until
The ADS1000 consists of an A/D converter core with
the ST/BSY bit in the conversion register is set to '1'.
adjustable gain, a clock generator, and an I2C
When this happens, the ADS1000 powers up and
interface. Each of these blocks are described in detail
performs a single conversion. After the conversion
in the sections that follow.
completes, the ADS1000 places the result in the
output register, resets the ST/BSY bit to '0' and
powers down. Writing a '1' to ST/BSY while a
conversion is in progress has no effect.
The ADS1000 uses a switched-capacitor input stage.
To external circuitry, it looks roughly like a resistance.
When switching from continuous conversion mode to
The resistance value depends on the capacitor
single conversion mode, the ADS1000 will complete
values and the rate at which they are switched. The
the current conversion, reset the ST/BSY bit to '0' and
switching clock is generated by the onboard clock
power-down the device.
generator, so its frequency, nominally 275kHz, is
dependent on supply voltage and temperature. The
capacitor values depend on the PGA setting.
When the ADS1000 powers up, it automatically
The common-mode and differential input impedances
performs a reset. As part of the reset, the ADS1000
are different. For a gain setting of PGA, the
sets all of the bits in the configuration register to their
differential input impedance is typically 2.4M
Ω/PGA.
respective default settings.
The common-mode impedance is typically 8M
Ω.
The ADS1000 responds to the I2C General Call
Reset command. When the ADS1000 receives a
General Call Reset, it performs an internal reset,
exactly as though it had just been powered on.
The
ADS1000
outputs
codes
in
binary
two’s
complement format. The output code is confined to
the range of numbers: –2048 to 2047, and is given
by:
The
ADS1000
communicates
through
an
I2C
(Inter-Integrated Circuit) interface. The I2C interface is
a two-wire, open-drain interface supporting multiple
devices and masters on a single bus. Devices on the
I2C bus only drive the bus lines low, by connecting
them to ground; they never drive the bus lines high.
Instead, the bus wires are pulled high by pull-up
The ADS1000 features an onboard clock generator.
resistors, so the bus wires are high when no device is
The Typical Characteristics show variations in data
driving them low. This way, two devices cannot
rate over supply voltage and temperature. It is not
conflict; if two devices drive the bus simultaneously,
possible to operate the ADS1000 with an external
there is no driver contention.
clock.
Communication on the I2C bus always takes place
between two devices, one acting as the master and
the other acting as the slave. Both masters and
slaves can read and write, but slaves can only do so
under the direction of the master. Some I2C devices
The ADS1000 operates in one of two modes:
can act as masters or slaves, but the ADS1000 can
continuous conversion and single conversion.
only act as a slave device.
In
continuous
conversion
mode,
the
ADS1000
continuously
performs
conversions.
Once
a
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1000


Similar Part No. - ADS1000A0IDBVR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000A0IDBVR AD-ADS1000A0IDBVR Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS1000A0IDBVRG4 AD-ADS1000A0IDBVRG4 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results

Similar Description - ADS1000A0IDBVR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com