Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1000
Description  LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1000 Datasheet HTML 1Page - Texas Instruments ADS1000 Datasheet HTML 2Page - Texas Instruments ADS1000 Datasheet HTML 3Page - Texas Instruments ADS1000 Datasheet HTML 4Page - Texas Instruments ADS1000 Datasheet HTML 5Page - Texas Instruments ADS1000 Datasheet HTML 6Page - Texas Instruments ADS1000 Datasheet HTML 7Page - Texas Instruments ADS1000 Datasheet HTML 8Page - Texas Instruments ADS1000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
BD0
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
ADS1000
Clock
Oscillator
I C
Interface
2
A/D
Converter
PGA
A=1,2,4,or8
V
DD
V
IN+
V
IN
-
GND
SDA
SCL
ADS1000
SBAS357A – SEPTEMBER 2006 – REVISED OCTOBER 2007
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER
with I2C™ INTERFACE
23
• Complete 12-Bit Data Acquisition System in
The ADS1000 is an I2C-compatible serial interface
a Tiny SOT-23 Package
Analog-to-Digital (A/D)
converter
with
differential
inputs and 12 bits of resolution in a tiny SOT23-6
• Low Current Consumption: Only 90μA
package. Conversions are performed ratiometrically,
• Integral Nonlinearity: 1LSB Max
using the power supply as the reference voltage. The
• Single-Cycle Conversion
ADS1000 operates from a single power supply
ranging from 2.7V to 5.5V.
• Programmable Gain Amplifier
Gain = 1, 2, 4, or 8
The ADS1000 performs conversions at a rate of 128
• 128SPS Data Rate
samples
per
second
(SPS).
The
onboard
programmable gain amplifier (PGA), which offers
• I2C Interface with Two Available Addresses
gains of up to 8, allows smaller signals to be
• Power Supply: 2.7V to 5.5V
measured with high resolution. In single-conversion
• Pin- and Software-Compatible with 16-Bit
mode, the ADS1000 automatically powers down after
ADS1100
a conversion, greatly reducing current consumption
during idle periods.
The ADS1000 is designed for applications where
• Voltage Monitors
space
and
power
consumption
are
major
considerations. Typical applications include portable
• Battery Management
instrumentation,
consumer
goods,
and
voltage
• Industrial Process Control
monitoring.
• Consumer Goods
• Temperature Measurement
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Power Semiconductors
ADS1000 POSEICO-ADS1000 Datasheet
153Kb / 4P
   RECTIFIER DIODES MODULE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Analog Devices
ADS1000A0IDBVR AD-ADS1000A0IDBVR Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results

Similar Description - ADS1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com