Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1158IRTCTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1158IRTCTG4
Description  16-Channel, 16-Bit Analog-to-Digital Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1158IRTCTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1158IRTCTG4 Datasheet HTML 4Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 5Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 6Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 7Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 8Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 9Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 10Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 11Page - Texas Instruments ADS1158IRTCTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Offset(OutputCode)
6000
5000
4000
3000
2000
1000
0
-4
-3
3
-2
-1
0
2
25Units,256Samples/Unit
1
Offset(OutputCode)
3500
3000
2500
2000
1500
1000
500
0
-2
2
-1
0
1
25Units,
254Samples/Unit
Temperature( C)
°
100
50
0
50
100
150
200
250
-
-
-
-
-
-40
-15
110
10
60
85
35
CHOP=1
CHOP=0
AbsoluteGainError(ppm)
40
35
30
25
20
15
10
5
0
150UnitsFromTwoProductionSets
Temperature( C)
°
60
40
20
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
-40
-15
110
10
60
85
35
GainDrift(ppm/ C)
°
30
25
20
15
10
5
0
150UnitsFromTwoProductionSets
ADS1158
SBAS429D
– JUNE 2008 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = +3.3V, fCLK = 16MHz (external clock) or fCLK = 15.729MHz (internal clock), OPA227
buffer between MUX outputs and ADC inputs, VREFP = +2.048V, and VREFN =
–2.048V, unless otherwise noted.
OFFSET WITH 0.5V REFERENCE, CHOPPING ON
OFFSET WITH 4.096V REFERENCE, CHOPPING ON
Figure 3.
Figure 4.
OFFSET vs TEMPERATURE
GAIN ERROR HISTOGRAM
Figure 5.
Figure 6.
GAIN DRIFT HISTOGRAM
GAIN ERROR vs TEMPERATURE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1158


Similar Part No. - ADS1158IRTCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1158IRTCTG4 TI-ADS1158IRTCTG4 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1158IRTCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com