Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1222IPWTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1222IPWTG4
Description  24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1222IPWTG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1222IPWTG4 Datasheet HTML 1Page - Texas Instruments ADS1222IPWTG4 Datasheet HTML 2Page - Texas Instruments ADS1222IPWTG4 Datasheet HTML 3Page - Texas Instruments ADS1222IPWTG4 Datasheet HTML 4Page - Texas Instruments ADS1222IPWTG4 Datasheet HTML 5Page - Texas Instruments ADS1222IPWTG4 Datasheet HTML 6Page - Texas Instruments ADS1222IPWTG4 Datasheet HTML 7Page - Texas Instruments ADS1222IPWTG4 Datasheet HTML 8Page - Texas Instruments ADS1222IPWTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ADS1222
SBAS314B − APRIL 2004 − REVISED JANUARY 2009
www.ti.com
3
ELECTRICAL CHARACTERISTICS
All specifications at TA = −40°C to +85°C, VDD = +5V, fCLK = 2MHz, and VREF = +2.5V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
Full-scale input voltage
AINP − AINN
±2VREF
V
Absolute input voltage
Buffer off; AINP, AINN with respect to GND
GND − 0.1
VDD + 0.1
V
Absolute input voltage
Buffer on; AINP, AINN with respect to GND
GND + 0.05
VDD − 1.5
V
Differential input impedance
Buffer off; fCLK = 2MHz
2.7
M
Differential input impedance
Buffer on; fCLK = 2MHz
1.2
G
Common-mode input impedance
Buffer off; fCLK = 2MHz
5.4
M
System Performance
Resolution
No missing codes
24
Bits
Data rate
120 (fCLK/2MHz)
SPS(1)
Integral nonlinearity (INL)
Buffer off; Differential input signal, end point fit
0.0003
0.0015
% of FSR(2)
Integral nonlinearity (INL)
Buffer on; Differential input signal, end point fit
0.0006
% of FSR
Offset error
Buffer off
50
150
µV
Offset error
Buffer on
50
µV
Offset error drift
Buffer off
0.2
µV/°C
Offset error drift
Buffer on
0.2
µV/°C
Offset error match
Between channels
20
100
µV
Gain error
Buffer off
0.004
0.025
%
Gain error
Buffer on
0.008
%
Gain error drift
Buffer off
0.00003
% of FSR/
°C
Gain error drift
Buffer on
0.00006
% of FSR/
°C
Gain error match
Between channels
0.0005
%
Common-mode rejection
Buffer off; at DC
95
dB
Common-mode rejection
Buffer on; at DC
90
100
dB
Power-supply rejection
Buffer off; at DC, VDD = 2.7V to 5.5V
90
dB
Power-supply rejection
Buffer on; at DC, VDD = 2.7V to 5.5V
90
dB
Noise
0.8
ppm of FSR, rms
Temperature Sensor
Temperature sensor voltage
TA = 25°C
106
mV
Temperature sensor coefficient
360
µV/°C
Voltage Reference Input
Reference input voltage
VREF = VREFP − VREFN
0.5
2.5
VDD(3)
V
Negative reference input
Buffer off
GND − 0.1
VREFP − 0.5
V
Positive reference input
Buffer off
VREFN + 0.5
VDD + 0.1
V
Negative reference input
Buffer on
GND + 0.05
VREFP − 0.5
V
Positive reference input
Buffer on
VREFN + 0.5
VDD − 1.5
V
Voltage reference impedance
fCLK = 2MHz
500
k
(1) SPS = samples per second.
(2) FSR = full-scale range = 4VREF.
(3) It will not be possible to reach the digital output full-scale code when VREF > VDD/2.


Similar Part No. - ADS1222IPWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1222IPWTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com