Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1224IPWTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1224IPWTG4
Description  24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1224IPWTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1224IPWTG4 Datasheet HTML 3Page - Texas Instruments ADS1224IPWTG4 Datasheet HTML 4Page - Texas Instruments ADS1224IPWTG4 Datasheet HTML 5Page - Texas Instruments ADS1224IPWTG4 Datasheet HTML 6Page - Texas Instruments ADS1224IPWTG4 Datasheet HTML 7Page - Texas Instruments ADS1224IPWTG4 Datasheet HTML 8Page - Texas Instruments ADS1224IPWTG4 Datasheet HTML 9Page - Texas Instruments ADS1224IPWTG4 Datasheet HTML 10Page - Texas Instruments ADS1224IPWTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ADS1224
SBAS286C − JUNE 2003 − REVISED JANUARY 2009
www.ti.com
7
TYPICAL CHARACTERISTICS (CONTINUED)
At TA = −40°C to +85°C, AVDD = +5V, DVDD = +5V, fCLK = 2MHz, and VREF = +2.5V, unless otherwise noted.
Figure 7
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
Input Voltage, V
IN (V)
−3
−4
−2
−1
0
1
234
5
−5
0.0006
0.0004
0.0002
0
−0.0002
−0.0004
−0.0006
−0.0008
−0.0010
−40_C
f
CLK =2MHz
Buffer Off
+25
_C
+85
_C
Figure 8
−1.5
−2.5
−0.5
0.5
1.5
2.5
3.5
−3.5
0.0010
0.0008
0.0006
0.0004
0.0002
0
−0.0002
−0.0004
−0.0006
−0.0008
−0.0010
−40_C
+25
_C
+85
_C
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
f
CLK =2MHz
Buffer On
Input Voltage, V
IN (V)
Figure 9
−3
−4
−2
−10
1
2
3
4
5
−5
0.0015
0.0010
0.0005
0
−0.0005
−0.0010
−0.0015
−40_C
+25
_C
+85
_C
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
f
CLK =4MHz
Buffer Off
Input Voltage, V
IN (V)
Figure 10
−1.5
−2.5
−0.5
0.5
1.5
2.5
3.5
−3.5
0.0015
0.0010
0.0005
0
−0.0005
−0.0010
−0.0015
−40_C
+25
_C
+85
_C
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
f
CLK =4MHz
Buffer On
Input Voltage, V
IN (V)
Figure 11
NOISE vs INPUT VOLTAGE
Input Voltage, V
IN (V)
1.5
1.0
0.5
0
f
CLK =2MHz
Buffer On
Figure 12
NOISE vs INPUT VOLTAGE
Input Voltage, V
IN (V)
−3
−1
135
−5
1.5
1.0
0.5
0
f
CLK =2MHz
Buffer Off


Similar Part No. - ADS1224IPWTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1224IPWT BURR-BROWN-ADS1224IPWT Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
More results

Similar Description - ADS1224IPWTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com