Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1224IPWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1224IPWRG4
Description  24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1224IPWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1224IPWRG4 Datasheet HTML 7Page - Texas Instruments ADS1224IPWRG4 Datasheet HTML 8Page - Texas Instruments ADS1224IPWRG4 Datasheet HTML 9Page - Texas Instruments ADS1224IPWRG4 Datasheet HTML 10Page - Texas Instruments ADS1224IPWRG4 Datasheet HTML 11Page - Texas Instruments ADS1224IPWRG4 Datasheet HTML 12Page - Texas Instruments ADS1224IPWRG4 Datasheet HTML 13Page - Texas Instruments ADS1224IPWRG4 Datasheet HTML 14Page - Texas Instruments ADS1224IPWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ADS1224
SBAS286C − JUNE 2003 − REVISED JANUARY 2009
www.ti.com
11
allowable voltage range on VREFP and VREFN during
self or self gain calibration as the reference pins must
remain within the specified input range of the buffer in
order to establish proper gain calibration.
For best performance, VREF should be AVDD/2, but it can
be raised as high as AVDD. When VREF exceeds
AVDD/2, it is not possible to reach the full-scale digital
output value corresponding to
±2VREF, since this requires
the analog inputs to exceed the power supplies. For
example, if VREF = AVDD = 5V, the positive full-scale
signal is 10V. The maximum positive input signal that can
be supplied before the ESD diodes turn on is when AINP
= 5.1V and AINN = –0.1V, resulting in VIN = 5.2V.
Therefore, it is not possible to reach the positive (or
negative) full-scale readings in this configuration. The
digital output codes are limited to approximately one half
of the entire range. For best performance, bypass the
voltage reference inputs with a 0.1
µF capacitor between
VREFP and VREFN. Place the capacitor as close as
possible to the pins.
CLOCK INPUT (CLK)
This digital input supplies the system clock to the
ADS1224. The CLK frequency can be increased to
speed up the data rate. CLK must be left running during
normal operation. It may be turned off during Standby
mode to save power, but this is not required. The CLK
input may be driven with 5V logic, regardless of the
DVDD or AVDD voltage.
Minimize the overshoot and undershoot on CLK for the
best analog performance. A small resistor in series with
CLK (10
Ω to 100Ω) can often help. CLK can be
generated from a number of sources including
standalone crystal oscillators and microcontrollers.
DATA READY/DATA OUTPUT (DRDY/DOUT)
This digital output pin serves two purposes. First, it
indicates when new data is ready by going LOW.
Afterwards, on the first rising edge of SCLK, the
DRDY/DOUT
pin
changes
function
and
begins
outputting the conversion data, most significant bit
(MSB) first. Data is shifted out on each subsequent
SCLK rising edge. After all 24 bits have been retrieved,
the pin can be forced high with an additional SCLK. It will
then stay high until new data is ready. This is useful
when polling on the status of DRDY/DOUT to determine
when to begin data retrieval.
SERIAL CLOCK INPUT (SCLK)
This digital input shifts serial data out with each rising
edge. As with CLK, this input may be driven with 5V
logic regardless of the DVDD or AVDD voltage. There
is hysteresis built into this input, but care should still be
taken to ensure a clean signal. Glitches or slow-rising
signals can cause unwanted additional shifting. For this
reason, it is best to make sure the rise-and-fall times of
SCLK are less than 50ns.
FREQUENCY RESPONSE
The ADS1224 frequency response for fCLK = 2MHz is
shown in Figure 20. The frequency response repeats at
multiples of the modulator sampling frequency of
62.5kHz. The overall response is that of a low-pass filter
with a −3db cutoff frequency of 31.5Hz. As shown, the
ADS1224 does a good job attenuating out to 60kHz. For
the best resolution, limit the input bandwidth to less than
this value to keep higher frequency noise from affecting
performance. Often, a simple RC filter on the ADS1224
analog inputs is all that is needed.
Input Frequency (Hz)
0
−20
−40
−60
−80
−100
31250
62500
0
Figure 20. Frequency Response


Similar Part No. - ADS1224IPWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1224IPWR BURR-BROWN-ADS1224IPWR Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
More results

Similar Description - ADS1224IPWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com