Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL324BE80TR Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MBM29DL324BE80TR
Description  32M (4M x 8/2M x 16) BIT Dual Operation
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL324BE80TR Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MBM29DL324BE80TR Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL324BE80TR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL324BE80TR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL324BE80TR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL324BE80TR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL324BE80TR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL324BE80TR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL324BE80TR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL324BE80TR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MBM29DL32XTE/BE-80/90/12
4
Table 1
MBM29DL32XTE/BE Device Bank Divisions
Device
Part Number
Organization
Bank 1
Bank 2
Megabits
Sector sizes
Megabits
Sector sizes
MBM29DL321TE/BE
× 8/× 16
0.5 Mbit
Eight 8K byte/4K word
31.5 Mbit
Sixty-three
64K byte/32K word
MBM29DL322TE/BE
4 Mbit
Eight 8K byte/4K word,
seven 64K byte/32K word
28 Mbit
Fifty-six
64K byte/32K word
MBM29DL323TE/BE
8 Mbit
Eight 8K byte/4K word,
fifteen 64K byte/32K word
24 Mbit
Forty-eight
64K byte/32K word
MBM29DL324TE/BE
16 Mbit
Eight 8K byte/4K word,
thirty-one 64K byte/
32K word
16 Mbit
Thirty-two
64K byte/32K word


Similar Part No. - MBM29DL324BE80TR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL324BE90PBT SPANSION-MBM29DL324BE90PBT Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL324BE90TN SPANSION-MBM29DL324BE90TN Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL324BE90TR SPANSION-MBM29DL324BE90TR Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL324BE80TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com