Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1240E1K Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1240E1K
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1240E1K Datasheet(HTML) 5 Page - Texas Instruments

  ADS1240E1K Datasheet HTML 1Page - Texas Instruments ADS1240E1K Datasheet HTML 2Page - Texas Instruments ADS1240E1K Datasheet HTML 3Page - Texas Instruments ADS1240E1K Datasheet HTML 4Page - Texas Instruments ADS1240E1K Datasheet HTML 5Page - Texas Instruments ADS1240E1K Datasheet HTML 6Page - Texas Instruments ADS1240E1K Datasheet HTML 7Page - Texas Instruments ADS1240E1K Datasheet HTML 8Page - Texas Instruments ADS1240E1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ADS1240, 1241
5
SBAS173F
www.ti.com
PIN CONFIGURATION (ADS1240)
PIN
NUMBER
NAME
DESCRIPTION
1DVDD
Digital Power Supply
2
DGND
Digital Ground
3XIN
Clock Input
4XOUT
Clock Output, used with external crystals.
5
RESET
Active LOW, resets the entire device.
6
DSYNC
Active LOW, Synchronization Control
7
PDWN
Active LOW, Power Down. The power down func-
tion shuts down the analog and digital circuits.
8
DGND
Digital Ground
9VREF+
Positive Differential Reference Input
10
VREF–
Negative Differential Reference Input
11
AIN0/D0
Analog Input 0 / Data I/O 0
12
AIN1/D1
Analog Input 1 / Data I/O 1
13
AIN2/D2
Analog Input 2 / Data I/O 2
14
AIN3/D3
Analog Input 3 / Data I/O 3
15
AINCOM
Analog Input Common, connect to AGND if unused.
16
AGND
Analog Ground
17
AVDD
Analog Power Supply
18
POL
Serial Clock Polarity
19
CS
Active LOW, Chip Select
20
DIN
Serial Data Input, Schmitt Trigger
21
DOUT
Serial Data Output
22
SCLK
Serial Clock, Schmitt Trigger
23
DRDY
Active LOW, Data Ready
24
BUFEN
Buffer Enable
PIN DESCRIPTIONS (ADS1240)
ADS1240
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DV
DD
DGND
X
IN
X
OUT
RESET
DSYNC
PDWN
DGND
V
REF+
V
REF–
A
IN0/D0
A
IN1/D1
BUFEN
DRDY
SCLK
D
OUT
D
IN
CS
POL
AV
DD
AGND
A
INCOM
A
IN3/D3
A
IN2/D2
PIN CONFIGURATION (ADS1241)
ADS1241
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DV
DD
DGND
X
IN
X
OUT
RESET
DSYNC
PDWN
DGND
V
REF+
V
REF–
A
IN0/D0
A
IN1/D1
A
IN4/D4
A
IN5/D5
BUFEN
DRDY
SCLK
D
OUT
D
IN
CS
POL
AV
DD
AGND
A
INCOM
A
IN3/D3
A
IN2/D2
A
IN7/D7
A
IN6/D6
PIN
NUMBER
NAME
DESCRIPTION
1DVDD
Digital Power Supply
2
DGND
Digital Ground
3XIN
Clock Input
4XOUT
Clock Output, used with external crystals.
5
RESET
Active LOW, resets the entire device.
6
DSYNC
Active LOW, Synchronization Control
7
PDWN
Active LOW, Power Down. The power down func-
tion shuts down the analog and digital circuits.
8
DGND
Digital Ground
9VREF+
Positive Differential Reference Input
10
VREF–
Negative Differential Reference Input
11
AIN0/D0
Analog Input 0 / Data I/O 0
12
AIN1/D1
Analog Input 1 / Data I/O 1
13
AIN4/D4
Analog Input 4 / Data I/O 4
14
AIN5/D5
Analog Input 5 / Data I/O 5
15
AIN6/D6
Analog Input 6 / Data I/O 6
16
AIN7/D7
Analog Input 7 / Data I/O 7
17
AIN2/D2
Analog Input 2 / Data I/O 2
18
AIN3/D3
Analog Input 3 / Data I/O 3
19
AINCOM
Analog Input Common, connect to AGND if unused.
20
AGND
Analog Ground
21
AVDD
Analog Power Supply
22
POL
Serial Clock Polarity
23
CS
Active LOW, Chip Select
24
DIN
Serial Data Input, Schmitt Trigger
25
DOUT
Serial Data Output
26
SCLK
Serial Clock, Schmitt Trigger
27
DRDY
Active LOW, Data Ready
28
BUFEN
Buffer Enable
PIN DESCRIPTIONS (ADS1241)
Top View
SSOP
Top View
SSOP


Similar Part No. - ADS1240E1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1240E TI-ADS1240E Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E TI1-ADS1240E Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1K TI-ADS1240E/1K Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1K TI1-ADS1240E/1K Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1KG4 TI1-ADS1240E/1KG4 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1240E1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com