Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1244IDGSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1244IDGSR
Description  Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1244IDGSR Datasheet(HTML) 3 Page - Texas Instruments

  ADS1244IDGSR Datasheet HTML 1Page - Texas Instruments ADS1244IDGSR Datasheet HTML 2Page - Texas Instruments ADS1244IDGSR Datasheet HTML 3Page - Texas Instruments ADS1244IDGSR Datasheet HTML 4Page - Texas Instruments ADS1244IDGSR Datasheet HTML 5Page - Texas Instruments ADS1244IDGSR Datasheet HTML 6Page - Texas Instruments ADS1244IDGSR Datasheet HTML 7Page - Texas Instruments ADS1244IDGSR Datasheet HTML 8Page - Texas Instruments ADS1244IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADS1244
3
SBAS273
www.ti.com
ELECTRICAL CHARACTERISTICS
All specifications –40
°C to +85°C, AVDD = 5V, DVDD = +3V, f
CLK = 2.4576MHz, and VREF = 2.5V, unless otherwise specified.
ADS1244
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Voltage Range
AINP – AINN
±2V
REF
V
Absolute Input Range
AINP, AINN with Respect to GND
GND – 0.1
AVDD + 0.1
V
Differential Input Impedance
fCLK = 2.4576MHz
5
M
SYSTEM PERFORMANCE
Resolution
No Missing Codes
24
Bits
Data Rate
fCLK = 2.4576MHz
15
sps(1)
Integral Nonlinearity (INL)
Differential Input Signal, End Point Fit
±0.0002
±0.0008
% FSR(2)
Offset Error
1
10
ppm of FSR
Offset Error Drift(3)
0.01
ppm of FSR/
°C
Gain Error
0.005
0.02
%
Gain Error Drift(3)
0.5
ppm/
°C
Common-Mode Rejection
at DC
90
130
dB
fCM(4) = 50 ± 1Hz, fCLK = 2.4576MHz
100
dB
fCM = 60 ± 1Hz, fCLK = 2.4576MHz
100
dB
Normal-Mode Rejection
fSIG(5) = 50 ± 1Hz, fCLK = 2.4576MHz
60
dB
fSIG = 60 ± 1Hz, fCLK = 2.4576MHz
70
dB
Input Referred Noise
1
ppm of FSR, rms
Analog Power-Supply Rejection
at DC,
∆AVDD = 5%
105
dB
Digital Power-Supply Rejection
at DC,
∆DVDD = 5%
100
dB
VOLTAGE REFERENCE INPUT
Reference Input Voltage (VREF)VREF ≡ VREFP – VREFN
0.5
2.5
AVDD(6)
V
Negative Reference Input (VREFN)
GND – 0.1
VREFP – 0.5
V
Positive Reference Input (VREFP)
VREFN + 0.5
AVDD + 0.1
V
Voltage Reference Impedance
fCLK = 2.4576MHz
1
M
DIGITAL INPUT/OUTPUT
Logic Levels
VIH (CLK, SCLK)
2.1
5.25
V
VIL (CLK, SCLK)
GND
0.9
V
VOH (DRDY/DOUT )IOH = 1mA
2.6
V
VOL (DRDY/DOUT )IOL = 1mA
0.4
V
Input Leakage (CLK, SCLK)
0 < (CLK, SCLK) < DVDD
±10
µA
CLK Frequency (fCLK)
6MHz
CLK Duty Cycle
30
70
%
POWER SUPPLY
AVDD
2.5
5.25
V
DVDD
1.8
3.6
V
AVDD Current
Sleep Mode
0.1
1
µA
AVDD = 3V
85
µA
AVDD = 5V
90
150
µA
DVDD Current
Sleep Mode, CLK Stopped
0.1
µA
Sleep Mode, 2.4576MHz CLK Running
1.3
5
µA
DVDD = 3V
4.5
10
µA
Total Power Dissipation
AVDD = DVDD = 3V
270
µW
NOTES: (1) sps = Samples Per Second. (2) FSR = Full-Scale Range = 4VREF. (3) Recalibration can reduce these errors to the level of the noise. (4) fCM is the frequency
of the common-mode input. (5) fSIG is the frequency of the input signal. (6) It will not be possible to reach the digital output full-scale code when VREF > AVDD/2.


Similar Part No. - ADS1244IDGSR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1244IDGSR BURR-BROWN-ADS1244IDGSR Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1244IDGSR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com