Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1252U Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1252U
Description  24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1252U Datasheet(HTML) 5 Page - Texas Instruments

  ADS1252U Datasheet HTML 1Page - Texas Instruments ADS1252U Datasheet HTML 2Page - Texas Instruments ADS1252U Datasheet HTML 3Page - Texas Instruments ADS1252U Datasheet HTML 4Page - Texas Instruments ADS1252U Datasheet HTML 5Page - Texas Instruments ADS1252U Datasheet HTML 6Page - Texas Instruments ADS1252U Datasheet HTML 7Page - Texas Instruments ADS1252U Datasheet HTML 8Page - Texas Instruments ADS1252U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ADS1252
5
SBAS127D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDD = +5V, CLK = 16MHz, and VREF = 4.096V, unless otherwise specified.
4
3
2
1
0
INTEGRAL NON-LINEARITY vs DATA OUTPUT RATE
Data Output Rate (Hz)
100
1k
10k
100k
10
8
6
4
2
0
–2
–4
–6
–8
–10
OFFSET DRIFT vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
–40
–20
0
20
40
60
80
100
800
600
400
200
0
–200
–400
GAIN DRIFT vs TEMPERATURE
Temperature (
°C)
CLK = 16MHz
CLK < 10MHz
CLK = 14.3MHz
CLK < 10MHz
CLK = 16MHz
3.0
2.5
2.0
1.5
1.0
0.5
0
RMS NOISE vs INPUT VOLTAGE
Differential Input Voltage (V)
–4
–5
–3
–2
–10
1
2
3
4
5
–40
–20
0
20
40
60
80
100
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
INTEGRAL NON-LINEARITY vs TEMPERATURE
Temperature (
°C)
19.00
18.50
18.00
17.50
17.00
16.50
V
REF (V)
01
2
3
4
6
5
EFFECTIVE RESOLUTION vs V
REF


Similar Part No. - ADS1252U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1252U BURR-BROWN-ADS1252U Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1252U TI1-ADS1252U Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252U/2K5 TI1-ADS1252U/2K5 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252U/2K5G4 TI1-ADS1252U/2K5G4 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252UG4 TI1-ADS1252UG4 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1252U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1252 TI1-ADS1252_16 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1252 BURR-BROWN-ADS1252 Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com