Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1251 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1251
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1251 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1251_14 Datasheet HTML 7Page - Texas Instruments ADS1251_14 Datasheet HTML 8Page - Texas Instruments ADS1251_14 Datasheet HTML 9Page - Texas Instruments ADS1251_14 Datasheet HTML 10Page - Texas Instruments ADS1251_14 Datasheet HTML 11Page - Texas Instruments ADS1251_14 Datasheet HTML 12Page - Texas Instruments ADS1251_14 Datasheet HTML 13Page - Texas Instruments ADS1251_14 Datasheet HTML 14Page - Texas Instruments ADS1251_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADS1251
11
SBAS184D
www.ti.com
is HIGH prior to the internal transfer of new data to the DOR.
The result of the A/D conversion is written to the DOR from
the Most Significant Bit (MSB) to the Least Significant Bit
(LSB) in the time defined by t1 (see Figures 11 and 12). The
DOUT/DRDY line then pulses LOW for the time defined by
t2, and then drives the line HIGH for the time defined by t3 to
indicate that new data are available to be read. At this point,
the function of the DOUT/DRDY pin changes to DOUT
mode. Data are shifted out on the pin after t7. If the MSB is
high (because of a negative result) the DOUT/DRDY signal
will stay HIGH after the end of time t3. The device communi-
cating with the ADS1251 can provide SCLKs to the ADS1251
after the time defined by t6. The normal mode of reading data
from the ADS1251 is for the device reading the ADS1251 to
latch the data on the rising edge of SCLK (because data are
shifted out of the ADS1251 on the falling edge of SCLK). In
order to retrieve valid data, the entire DOR must be read
before the DOUT/DRDY pin reverts back to DRDY mode.
If SCLKs are not provided to the ADS1251 during the DOUT
mode, the MSB of the DOR is present on the DOUT/DRDY
line until the beginning of the time defined by t4. If an
incomplete read of the ADS1251 takes place while in DOUT
mode (that is, less than 24 SCLKs were provided), the state
of the last bit read is present on the DOUT/DRDY line until
the beginning of the time defined by t4. If more than 24
SCLKs are provided during DOUT mode, the DOUT/DRDY
line stays LOW until the time defined by t4.
The internal data pointer for shifting data out on DOUT/DRDY
is reset on the falling edge of the time defined by t1 and t4.
This ensures that the first bit of data shifted out of the
ADS1251 after DRDY mode is always the MSB of new data.
SYNCHRONIZING MULTIPLE CONVERTERS
The normal state of SCLK is LOW; however, by holding
SCLK HIGH, multiple ADS1251s can be synchronized. This
is accomplished by holding SCLK HIGH for at least four, but
less than 20, consecutive DOUT/DRDY cycles (see Figure
13). After the ADS1251 circuitry detects that SCLK has been
held HIGH for four consecutive DOUT/DRDY cycles, the
DOUT/DRDY pin pulses LOW for one CLK cycle and then is
held HIGH, and the modulator is held in a reset state. The
modulator will be released from reset and synchronization
occurs on the falling edge of SCLK. With multiple converters,
the falling edge transition of SCLK must occur simulta-
neously on all devices. It is important to note that prior to
synchronization, the DOUT/DRDY pulse of multiple
ADS1251s in the system could have a difference in timing up
to one DRDY period. Therefore, to ensure synchronization,
the SCLK must be held HIGH for at least five DRDY cycles.
The first DOUT/DRDY pulse after the falling edge of SCLK
occurs at t14. The first DOUT/DRDY pulse indicates valid
data.
FIGURE 9. Expanded Digital Filter Response (60Hz with a
60Hz data output rate).
FIGURE 10. Expanded Digital Filter Response (60Hz with a
10Hz data output rate).
DIGITAL FILTER RESPONSE
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
56
57
58
59
60
61
62
63
64
65
55
Frequency (Hz)
DIGITAL FILTER RESPONSE
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
56
57
58
59
60
61
62
63
64
65
55
Frequency (Hz)


Similar Part No. - ADS1251_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1251_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com