Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7279IRSAT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7279IRSAT
Description  LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7279IRSAT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7279IRSAT Datasheet HTML 4Page - Texas Instruments ADS7279IRSAT Datasheet HTML 5Page - Texas Instruments ADS7279IRSAT Datasheet HTML 6Page - Texas Instruments ADS7279IRSAT Datasheet HTML 7Page - Texas Instruments ADS7279IRSAT Datasheet HTML 8Page - Texas Instruments ADS7279IRSAT Datasheet HTML 9Page - Texas Instruments ADS7279IRSAT Datasheet HTML 10Page - Texas Instruments ADS7279IRSAT Datasheet HTML 11Page - Texas Instruments ADS7279IRSAT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TIMING CHARACTERISTICS
(1) (2): 5V
ADS7279
ADS7280
SBAS436A – MAY 2008 – REVISED JUNE 2009 ............................................................................................................................................................... www.ti.com
All specifications typical at –40°C to +85°C and +VA = +VBD = 5V, unless otherwise noted.
ADS7279, ADS7280
PARAMETER
MIN
TYP
MAX
UNIT
External,
0.5
21
fCCLK = 1/2 fSCLK
fCCLK
Frequency, conversion clock, CCLK
MHz
Internal,
21
23
24.5
fCCLK = 1/2 fSCLK
t1
Setup time, falling edge of CS to EOC
1
CCLK
t2
Hold time, falling edge of CS to EOC
0
ns
tCL
Pulse duration, CONVST low
40
ns
t3
Hold time, falling edge of CS to EOS
20
ns
t4
Setup time, rising edge of CS to EOS
20
ns
t5
Hold time, rising edge of CS to EOS
20
ns
t6
Setup time, falling edge of CS to first falling SCLK
5
ns
tSCLKL
Pulse duration, SCLK low
8
tSCLK – 8
ns
tSCLKH
Pulse duration, SCLK high
8
tSCLK – 8
ns
I/O clock only
20
I/O and conversion clock
23.8
2000
tSCLK
Cycle time, SCLK
ns
I/O clock, chain mode
20
I/O and conversion clock,
23.8
2000
chain mode
tH2
Hold time, falling edge of SCLK to SDO invalid
10pF load
2
ns
tD1
Delay time, falling edge of SCLK to SDO valid
10pF load
10
ns
Delay time, falling edge of CS to SDO valid, SDO
tD2
10pF load
8.5
ns
MSB output
tS1
Setup time, SDI to falling edge of SCLK
8
ns
tH1
Hold time, SDI to falling edge of SCLK
4
ns
tD3
Delay time, rising edge of CS/FS to SDO tD3 3-state
5
ns
Setup time, 16th falling edge of SCLK before rising
t7
10
ns
edge of CS/FS
(1)
All input signals are specified with tr = tf = 1.5ns (10% to 90% of VBD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagrams.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS7279 ADS7280


Similar Part No. - ADS7279IRSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7279IRSAT TI-ADS7279IRSAT Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS7279IRSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI1-ADS7229_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com