Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1296R Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1296R
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1296R Datasheet(HTML) 2 Page - Texas Instruments

  ADS1296R Datasheet HTML 1Page - Texas Instruments ADS1296R Datasheet HTML 2Page - Texas Instruments ADS1296R Datasheet HTML 3Page - Texas Instruments ADS1296R Datasheet HTML 4Page - Texas Instruments ADS1296R Datasheet HTML 5Page - Texas Instruments ADS1296R Datasheet HTML 6Page - Texas Instruments ADS1296R Datasheet HTML 7Page - Texas Instruments ADS1296R Datasheet HTML 8Page - Texas Instruments ADS1296R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459J – JANUARY 2010 – REVISED JANUARY 2014
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. FAMILY AND ORDERING INFORMATION(1)
MAXIMUM
OPERATING
PACKAGE
NUMBER OF
ADC
SAMPLE RATE
TEMPERATURE
RESPIRATION
PRODUCT
OPTION
CHANNELS
RESOLUTION
(kSPS)
RANGE
CIRCUITRY
BGA
4
16
8
0°C to +70°C
No
ADS1194
TQFP
4
16
8
0°C to +70°C
No
BGA
6
16
8
0°C to +70°C
No
ADS1196
TQFP
6
16
8
0°C to +70°C
No
BGA
8
16
8
0°C to +70°C
No
ADS1198
TQFP
8
16
8
0°C to +70°C
No
ADS1294
BGA
4
24
32
0°C to +70°C
External
ADS1294R
BGA
4
24
32
–40°C to +85°C
Yes
ADS1294
TQFP
4
24
32
–40°C to +85°C
External
ADS1296
BGA
6
24
32
0°C to +70°C
External
ADS1296R
BGA
6
24
32
–40°C to +85°C
Yes
ADS1296
TQFP
6
24
32
–40°C to +85°C
External
ADS1298
BGA
8
24
32
0°C to +70°C
External
ADS1298R
BGA
8
24
32
–40°C to +85°C
Yes
ADS1298
TQFP
8
24
32
–40°C to +85°C
External
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
ADS1294, ADS1296, ADS1298
UNIT
ADS1294R, ADS1296R, ADS1298R
AVDD to AVSS
–0.3 to +5.5
V
DVDD to DGND
–0.3 to +3.9
V
AVSS to DGND
–3 to +0.2
V
VREF input to AVSS
AVSS – 0.3 to AVDD + 0.3
V
Analog input to AVSS
AVSS – 0.3 to AVDD + 0.3
V
Digital input voltage to DGND
–0.3 to DVDD + 0.3
V
Digital output voltage to DGND
–0.3 to DVDD + 0.3
V
Input current (momentary)
100
mA
Input current (continuous)
10
mA
Commerical Grade: ADS1294, ADS1296, ADS1298
0 to +70
°C
Operating
temperature
Industrial grade: ADS1294I, ADS1296I, ADS1298I,
–40 to +85
°C
range
ADS1294RI, ADS1296RI, ADS1298RI
Human body model (HBM)
±2000
V
JEDEC standard 22, test method A114-C.01, all pins
ESD ratings
Charged device model (CDM)
±500
V
JEDEC standard 22, test method C101, all pins
Storage temperature range
–60 to +150
°C
Maximum junction temperature (TJ)
+150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R


Similar Part No. - ADS1296R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1296R TI1-ADS1296R Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296R TI-ADS1296R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296R TI-ADS1296R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296R TI-ADS1296R Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296R TI1-ADS1296R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1296R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com