Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1274 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1274
Description  Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1274 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1274 Datasheet HTML 7Page - Texas Instruments ADS1274 Datasheet HTML 8Page - Texas Instruments ADS1274 Datasheet HTML 9Page - Texas Instruments ADS1274 Datasheet HTML 10Page - Texas Instruments ADS1274 Datasheet HTML 11Page - Texas Instruments ADS1274 Datasheet HTML 12Page - Texas Instruments ADS1274 Datasheet HTML 13Page - Texas Instruments ADS1274 Datasheet HTML 14Page - Texas Instruments ADS1274 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
1
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
10k
100k
High-ResolutionMode
ShortedInput
262,144Points
Output( V)
m
25k
20k
15k
10k
5k
0
High-ResolutionMode
ShortedInput
262,144Points
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
Low-PowerMode
f
=1kHz, 0.5dBFS
-
IN
32,768Points
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
10k
100k
Low-PowerMode
f
=1kHz, 20dBFS
-
IN
32,768Points
1
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
10k
100k
Low-PowerMode
ShortedInput
262,144Points
Output( V)
m
25k
20k
15k
10k
5k
0
Low-PowerMode
ShortedInput
262,144Points
ADS1274
ADS1278
www.ti.com
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, High-Speed mode, AVDD = +5V, DVDD = +1.8V, IOVDD = +3.3V, fCLK = 27MHz, VREFP = 2.5V, and
VREFN = 0V, unless otherwise noted.
OUTPUT SPECTRUM
NOISE HISTOGRAM
Figure 7.
Figure 8.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 9.
Figure 10.
OUTPUT SPECTRUM
NOISE HISTOGRAM
Figure 11.
Figure 12.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1274 ADS1278


Similar Part No. - ADS1274

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274EVM TI1-ADS1274EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1274EVM-PDK TI1-ADS1274EVM-PDK Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - ADS1274

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com