Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7830 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7830
Description  8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7830 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7830 Datasheet HTML 2Page - Texas Instruments ADS7830 Datasheet HTML 3Page - Texas Instruments ADS7830 Datasheet HTML 4Page - Texas Instruments ADS7830 Datasheet HTML 5Page - Texas Instruments ADS7830 Datasheet HTML 6Page - Texas Instruments ADS7830 Datasheet HTML 7Page - Texas Instruments ADS7830 Datasheet HTML 8Page - Texas Instruments ADS7830 Datasheet HTML 9Page - Texas Instruments ADS7830 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ADS7830
SBAS302C – DECEMBER 2003 – REVISED OCTOBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: +5V (continued)
At TA = –40°C to +125°C, +VDD = +5.0V, VREF = External +5.0V, and SCL Clock Frequency = 3.4MHz (High-Speed Mode),
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
VIH
+VDD × 0.7
+VDD + 0.5
V
Logic Levels
VIL
–0.3
+VDD × 0.3
V
VOL
Minimum 3mA Sink Current
0.4
V
IIH
VIH = +VDD + 0.5V
10
µA
Input Leakage
IIL
VIL = –0.3V
–10
µA
Data Format
Straight Binary
ADS7830 HARDWARE ADDRESS (10010 Binary)
Power-Supply Requirements
Power-Supply Voltage, +VDD
Specified Performance
4.75
5
5.25
V
High-Speed Mode: SCL = 3.4MHz
750
1000
µA
Quiescent Current
Fast Mode: SCL = 400kHz
300
µA
Standard Mode, SCL = 100kHz
150
µA
High-Speed Mode: SCL = 3.4MHz
3.75
5
mW
Power Dissipation
Fast Mode: SCL = 400kHz
1.5
mW
Standard Mode, SCL = 100kHz
0.75
mW
Power-Down Mode
High-Speed Mode: SCL = 3.4MHz
400
µA
Fast Mode: SCL = 400kHz
150
µA
Power-Down Mode with Wrong Address Selected
Standard Mode, SCL = 100kHz
35
µA
Full Power-Down
SCL Pulled HIGH, SDA Pulled HIGH
400
3000
nA
TEMPERATURE RANGE
Specified Performance
–40
+125
°C
6
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Links: ADS7830


Similar Part No. - ADS7830

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7830

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com