Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B40C800G Datasheet(PDF) 1 Page - General Semiconductor

Part # B40C800G
Description  GLASS PASSIVATED SINGLE - PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B40C800G Datasheet(HTML) 1 Page - General Semiconductor

  B40C800G Datasheet HTML 1Page - General Semiconductor B40C800G Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
B40C800G THRU B380C800G
GLASS PASSIVATED SINGLE - PHASE BRIDGE RECTIFIER
Reverse Voltage - 65 to 600 Volts Forward Current - 0.9 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ Glass passivated chip junctions
♦ High case dielectric strength
♦ Typical IR less than 0.1 µA
♦ High overload surge current
♦ Ideal for printed circuit boards
♦ High temperature soldering guaranteed:
260°C/10 seconds, 0.375" (9.5mm) lead length
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
B40
B80
B125
B250
B380
UNITS
C800G
C800G
C800G
C800G
C800G
Maximum repetitive peak reverse voltage
VRRM
65
125
200
400
600
Volts
Maximum RMS input voltage R + C-load
VRMS
40
80
125
250
380
Volts
Maximum average forward output current for
free air operation at TA=45°C R + L-load
I(AV)
0.9
Amps
C-Load
0.8
Maximum non-repetitive peak voltage
VRSM
100
200
350
600
1000
Volts
Maximum DC blocking voltage
VDC
65
125
200
400
600
Volts
Maximum peak working voltage
VRWM
90
180
300
600
900
Volts
Maximum repetitive peak forward surge current
IFRM
10.0
Amps
Peak forward surge current
single sine wave on rated load at TJ=125°C
IFSM
45.0
Amps
Rating for fusing at TJ=125°C (t<100ms)
I2t
10.0
A2sec
Minimum series resistor C-load at VRMS = ±10%
Rt
1.0
2.0
4.0
8.0
12.0
Ohms
Maximum load capacitance +50%
-10%
CL
5000
2500
1000
500
200
µF
Maximum instantaneous forward voltage drop
per leg at 0.9A
VF
1.0
Volts
Maximum reverse current at rated repetitive
peak voltage per leg
IR
10.0
µA
Typical thermal resistance per leg (NOTE 1)
R
ΘJA
36.0
R
ΘJL
11.0
°C/W
Operating junction temperature range
TJ
-40 to +125
°C
Storage temperature range
TSTG
-40 to +150
°C
NOTES:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. at 0.375" (9.5mm) lead lengths with 0.2 x 0.2"(5.5 x 5.5mm) copper pads.
Case Style WOG
Dimensions in inches and (millimeters)
0.220 (5.6)
0.160 (4.1)
0.388 (9.86)
0.348 (8.84)
0.032 (0.81)
0.028 (0.71)
1.0
(25.4)
MIN.
0.060 (1.52)
0.020 (0.51)
0.348 (8.84)
0.308 (7.82)
0.220 (5.6)
0.180 (4.6)
0.220 (5.6)
0.180 (4.6)


Similar Part No. - B40C800G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C800G VISHAY-B40C800G Datasheet
101Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
B40C800G VISHAY-B40C800G Datasheet
85Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
B40C800G VISHAY-B40C800G Datasheet
86Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
01-Jan-2022
B40C800G-E4 VISHAY-B40C800G-E4 Datasheet
81Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
B40C800G VISHAY-B40C800G_13 Datasheet
81Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
More results

Similar Description - B40C800G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com