Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS0091J Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0091J
Description  RECTIFER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0091J Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0091J Datasheet HTML 1Page - Solid States Devices, Inc RS0091J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0091J
DOC
ELECTRICAL CHARACTERISTICS 3/ (per leg)
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(300 - 500
μs Pulse)
IF = 10 A
IF = 15 A
IF = 20 A
VF1
VF2
VF3
0.75
0.82
0.85
Volts
Instantaneous Forward Voltage Drop
(TA = -55
°C, 300 - 500
μs Pulse)
IF = 10 A
VF4
0.85
Volts
Reverse Leakage Current
(Rated VR, 300μs pulse minimum)
TA = 25
°C
TC = 100
°C
IR1
IR2
200
10
μA
mA
Junction Capacitance
(VR = 10 V, f = 1MHz, TA = 25
°C)
CJ
800
pF
CASE OUTLINE: TO-254 (Suffix M)
CASE OUTLINE: TO-254Z (Suffix Z)
Optional Bent Down Leads
(MDB & ZDB Suffix)
Optional with Bent Up Leads
(MUB & ZUB Suffix)
Available in the following configurations:
TO-254: SSR2008M, SSR2008MUB, SSR2008MDB,
SSR2009M, SSR2009MUB, SSR2009MDB,
SSR2010M, SSR2010MUB, SSR2010MDB
TO-254Z: SSR2008Z, SSR2008ZUB, SSR2008ZDB,
SSR2009Z, SSR2009ZUB, SSR2009ZDB,
SSR2010Z, SSR2010ZUB, SSR2010ZDB
PIN ASSIGNMENT
FUNCTION
PIN 1
PIN 2
PIN 3
Rectifier
5/
Cathode
Anode
Anode
NOTE: 5/ Pins 2 and 3 externally connected for best
performance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR2008M, SSR2008Z
SSR2009M, SSR2009Z
SSR2010M, SSR2010Z


Similar Part No. - RS0091J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0091J SSDI-RS0091J_15 Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - RS0091J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0075 SSDI-RH0075 Datasheet
214Kb / 2P
   RECTIFER
RS0087 SSDI-RS0087 Datasheet
173Kb / 2P
   RECTIFER
SSR2008M SSDI-SSR2008M_1 Datasheet
97Kb / 2P
   SCHOTTKY RECTIFER
logo
STMicroelectronics
STPS61L60C STMICROELECTRONICS-STPS61L60C Datasheet
122Kb / 8P
   Power Schottky rectifer
logo
Microsemi Corporation
MSG140 MICROSEMI-MSG140_07 Datasheet
98Kb / 2P
   1 Amp Schottky Rectifer
logo
Diodes Incorporated
SBR4U130LP-7 DIODES-SBR4U130LP-7 Datasheet
111Kb / 5P
   SUPER BARRIER RECTIFER
logo
Central Semiconductor C...
CBR1-L010M CENTRAL-CBR1-L010M Datasheet
60Kb / 2P
   SILICON BRIDGE RECTIFER
logo
Microsemi Corporation
MSG110 MICROSEMI-MSG110 Datasheet
95Kb / 2P
   1 Amp Schottky Rectifer
logo
Semikron International
SK25DGDL12T4ETE2 SEMIKRON-SK25DGDL12T4ETE2 Datasheet
339Kb / 6P
   3-phase bridge rectifer
logo
Sirectifier Semiconduct...
MBR2X160-100 SIRECTIFIER-MBR2X160-100 Datasheet
88Kb / 1P
   Power Schottky Rectifer - Non isolated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com