Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7862 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS7862
Description  Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7862 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7862_14 Datasheet HTML 7Page - Texas Instruments ADS7862_14 Datasheet HTML 8Page - Texas Instruments ADS7862_14 Datasheet HTML 9Page - Texas Instruments ADS7862_14 Datasheet HTML 10Page - Texas Instruments ADS7862_14 Datasheet HTML 11Page - Texas Instruments ADS7862_14 Datasheet HTML 12Page - Texas Instruments ADS7862_14 Datasheet HTML 13Page - Texas Instruments ADS7862_14 Datasheet HTML 14Page - Texas Instruments ADS7862_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADS7862
11
SBAS101B
www.ti.com
FIGURE 9. Reading and Writing to the ADS7862 During the Same Cycle.
DESCRIPTION
ANALOG INPUT
Full-Scale Input Span
–VREF to +VREF(1)
Least Significant
(–VREF to +VREF)/4096(2)
Bit (LSB)
+Full Scale
4.99878V
0111 1111 1111
7FF
Midscale
2.5V
0000 0000 0000
000
Midscale – 1 LSB
2.49878V
1111 1111 1111
FFF
–Full Scale
0V
1000 0000 0000
800
NOTES: (1) –VREF to +VREF around VREF. With a 2.5V reference, this corre-
sponds to a 0V to 5V input span. (2) 1.22mV with a 2.5V reference.
TABLE I. Ideal Input Voltages and Output Codes.
DIGITAL OUTPUT
BINARY TWO’S COMPLEMENT
BINARY CODE
HEX CODE
mode. Figure 9, in conjunction with Table I, shows the basic
read/write functions of the ADS7862 and highlights all of
the timing specifications. Figure 10 shows a more detailed
description of initiating a conversion using CONVST. Fig-
ure 11 illustrates three consecutive conversions and, with the
accompanying text, describes all of the read and write
capabilities of the ADS7862.
The Figure 11 timing diagram can be divided into three
sections: (a) initiating a conversion (n – 2), (b) starting a
second conversion (n – 1) while reading the data output from
the previous conversion (n – 2), and (c) starting a third
conversion (n) while reading both previous conversions
(n – 2 and n – 1). In this sequence, Channel 0 is converted
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Conversion Time
1.75
µs
tACQ
Acquisition Time
0.25
µs
tCKP
Clock Period
125
5000
ns
tCKL
Clock LOW
40
ns
tCKH
Clock HIGH
40
ns
t1
CS to RD Setup Time
0
ns
t2
CS to RD Hold Time
0
ns
t3
CONVST LOW
15
ns
t4
RD Pulse Width
30
ns
t5
RD to Valid Data (Bus Access)
16
25
ns
t6
RD to HI-Z Delay (Bus Relinquish)
10
20
ns
t7
Time Between Conversion Reads
40
ns
t8
Address Setup Time
250
ns
t9
CONVST HIGH
20
ns
t10
Address Hold Time
20
ns
t11
CONVST to BUSY Propagation Delay
30
ns
t12
CONVST LOW Prior to CLOCK Rising Edge
10
ns
t13
CONVST LOW After CLOCK Rising Edge
5ns
tF
Data Fall Time
13
25
ns
tR
Data Rise Time
20
30
ns
TIMING SPECIFICATIONS
first followed by Channel 1. Channel 1 can be converted
prior to Channel 0 if the user wishes by simply starting the
conversion process with the A0 pin at logic HIGH (Channel
1) followed by logic LOW (Channel 0).
t
12
t
13
t
3
t
9
t
11
Conversion n
Conversion n – 1 Results
Conversion n Results
BUSY
A0
CS
RD
DATA
Conversion n + 1
1
CLOCK
CONVST
2
3
4
5
14
15
16
1
2
3
4
5
14
15
16
t
CONV
t
ACQ
t
8
t
4
t
10
t
1
t
5
CHA1
CHB1
CHA0
CHB0
t
6
t
2
t
7


Similar Part No. - ADS7862_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7862Y BURR-BROWN-ADS7862Y Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/250 TI1-ADS7862Y/250 Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/250G4 TI1-ADS7862Y/250G4 Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/2K TI1-ADS7862Y/2K Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
More results

Similar Description - ADS7862_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864_14 Datasheet
995Kb / 28P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com