Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W15A001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W15A001
Description  Omni-Directional Antenna Operating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W15A001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W15A001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W15A001 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
1
Pasternack’s PE-W15A001 is a vertically polarized WR-15 antenna operating between 58 GHz and 63 GHz and has a
standard UG387/U flange. This omni-directional antenna has a 35 degree vertical beam width and a 360 degree horizontal
gain variation. PE-W15A001 is ideal for short range wireless communications, indoor networks, high frequency applications
and millimeter wave 60 GHz development systems. It is constructed with a brass waveguide and aluminum body.
Configuration
Design
Fixed Waveguide
Frequency Range
58 to 63 GHz
Polarization
Vertical
Interface 1
WR-15
Interface 1 Specification
UG387/U
Housing Material and Plating
Aluminum
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Gain Variation
3
dBi
Horizontal 3dB Beam Width
360
Degrees
Vertical 3dB Beam Width
35
Degrees
Input Power
1
Watts
.
Mechanical Specifications
Radome Material
Rexolite
Housing Material
Aluminum
Size
Length
1.78 in [45.21 mm]
Width
4 in [101.6 mm]
.
Connectors
Description
Connector 1
Connector 2
Connector 3
Outer Conductor Material and Plating
Brass
Body Material and Plating
Brass
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Omni-Directional Antenna Operating From 58 GHz to 63 GHz With a Nominal 0 dBi Gain and
WR-15 Waveguide Input PE-W15A001
PE-W15A001
PE-W15A001 REV 2.1
Omni-Directional Antenna Operating From 58 GHz to 63 GHz
With a Nominal 0 dBi Gain and WR-15 Waveguide Input


Similar Part No. - PE-W15A001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W15AT001-30 PASTERNACK-PE-W15AT001-30 Datasheet
406Kb / 3P
   Rugged waveguide configuration
PE-W15AT5001 PASTERNACK-PE-W15AT5001 Datasheet
537Kb / 5P
   WR-15 Waveguide Direct Read Attenuator, 0 to 50 dB, From 50 GHz to 75 GHz, UG-385/U Round Cover Flange, Dial
More results

Similar Description - PE-W15A001

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
   Radome Omni ??Omni directional Antenna
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
   OMNI-DIRECTIONAL ANTENNA
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
   OMNI-DIRECTIONAL ANTENNA
REV A
logo
Pulse A Technitrol Comp...
W1920 PULSE-W1920 Datasheet
328Kb / 3P
   Omni Directional Blade Antenna
W1920G0915 PULSE-W1920G0915 Datasheet
328Kb / 3P
   Omni Directional Blade Antenna
logo
Ultralife Corporation.
AV460 ULTRALIFE-AV460 Datasheet
68Kb / 1P
   Omni-directional Broadband Antenna
23NOV10 REV:-
logo
Maxtena Inc.
MEA-698-2700-AM MAXTENA-MEA-698-2700-AM Datasheet
673Kb / 3P
   OMNI-DIRECTIONAL LTE ANTENNA
REV A
logo
Level One
OAN-0501 LVL1-OAN-0501 Datasheet
137Kb / 2P
   Omni-directional 5dBi Indoor Antenna
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
   5.8 GHz Omni-Directional Antenna
logo
Level One
OAN-1070 LVL1-OAN-1070 Datasheet
219Kb / 3P
   Omni-directional 7dBi Indoor Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com