Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7396-4 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7396-4
Description  dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7396-4 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7396-4 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7396-4 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Fixed Attenuator
Connector 1
F Male
Connector 2
F Female
Body Material and Plating
Brass, Tri-Metal
Electrical Specifications * Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
75
Ohms
Attenuation Value
4
dB
Input Power
2
Watts
VSWR
1.3:1
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 2
2 to 3
GHz
Attenuation Accuracy
± 0.3
± 0.5
dB
.
Mechanical Specifications
Temperature
Operating Range
-55 to +80 deg C
Size
Length
2.02 in [51.31 mm]
Width
0.433 in [11 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
F Male
F Female
Contact Material and Plating
Brass, Gold
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Tri-Metal
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
11 MM
Body Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body Rated To
2 Watts Up To 3 GHz PE7396-4
PE7396-4
PE7396-4 REV 1.0
4 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
Brass Tri-Metal Body Rated To 2 Watts Up To 3 GHz


Similar Part No. - PE7396-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7396-1 PASTERNACK-PE7396-1 Datasheet
198Kb / 2P
   1 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-10 PASTERNACK-PE7396-10 Datasheet
198Kb / 2P
   10 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
   16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
PE7396-2 PASTERNACK-PE7396-2 Datasheet
197Kb / 2P
   2 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-20 PASTERNACK-PE7396-20 Datasheet
199Kb / 2P
   20 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Bod
More results

Similar Description - PE7396-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7396-3 PASTERNACK-PE7396-3 Datasheet
197Kb / 2P
   dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-1 PASTERNACK-PE7396-1 Datasheet
198Kb / 2P
   1 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-2 PASTERNACK-PE7396-2 Datasheet
197Kb / 2P
   2 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-7 PASTERNACK-PE7396-7 Datasheet
197Kb / 2P
   7 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-6 PASTERNACK-PE7396-6 Datasheet
197Kb / 2P
   6 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-8 PASTERNACK-PE7396-8 Datasheet
198Kb / 2P
   8 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-10 PASTERNACK-PE7396-10 Datasheet
198Kb / 2P
   10 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-5 PASTERNACK-PE7396-5 Datasheet
198Kb / 2P
   5 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-9 PASTERNACK-PE7396-9 Datasheet
197Kb / 2P
   9 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-20 PASTERNACK-PE7396-20 Datasheet
199Kb / 2P
   20 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Bod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com