Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL321TE12TN Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29DL321TE12TN
Description  32M (4M x 8/2M x 16) BIT Dual Operation
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL321TE12TN Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29DL321TE12TN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL321TE12TN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL321TE12TN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL321TE12TN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL321TE12TN Datasheet HTML 9Page - Fujitsu Component Limited. MBM29DL321TE12TN Datasheet HTML 10Page - Fujitsu Component Limited. MBM29DL321TE12TN Datasheet HTML 11Page - Fujitsu Component Limited. MBM29DL321TE12TN Datasheet HTML 12Page - Fujitsu Component Limited. MBM29DL321TE12TN Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
MBM29DL32XTE/BE-80/90/12
9
s
s
s
s DEVICE BUS OPERATION
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. See
Table 5.
2. Refer to the section on Sector Group Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
4. VCC = 3.3 V ± 10%
5. It is also used for the extended sector group protection.
Table 3 MBM29DL32XTE/BE User Bus Operations (BYTE = VIH)
Operation
CE
OE WE
A0
A1
A6
A9
DQ0 to DQ15 RESET WP/ACC
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
Code
H
X
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
Code
H
X
Read (3)
L
L
H
A0
A1
A6
A9
DOUT
HX
Standby
H
XXXXXX
HIGH-Z
H
X
Output Disable
L
H
H
X
X
X
X
HIGH-Z
H
X
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
HX
Enable Sector Group Protection (2), (4)
L
VID
LHL
VID
XH
X
Verify Sector Group Protection (2), (4)
L
L
H
L
H
L
VID
Code
H
X
Temporary Sector Group Unprotection (5)
XXXXXXX
X
VID
X
Reset (Hardware) / Standby
XXXXXXX
HIGH-Z
L
X
Boot Block Sector Write Protection
XXXXXXX
X
X
L
Table 4 MBM29DL32XTE/BE User Bus Operations (BYTE = VIL)
Operation
CE
OE WE DQ
15
/
A-1
A0
A1
A6
A9
DQ0 to DQ7 RESET WP/ACC
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
L
VID
Code
H
X
Auto-Select Device code (1)
L
L
H
L
H
L
L
VID
Code
H
X
Read (3)
L
L
H
A-1
A0
A1
A6
A9
DOUT
HX
Standby
H
XX
X
X
XXX
HIGH-Z
H
X
Output Disable
L
H
H
X
X
X
X
X
HIGH-Z
H
X
Write (Program/Erase)
L
H
L
A-1
A0
A1
A6
A9
DIN
HX
Enable Sector Group Protection
(2), (4)
LVID
LL
H
L
VID
XH
X
Verify Sector Group Protection
(2), (4)
LL
H
L
L
H
L
VID
Code
H
X
Temporary Sector Group
Unprotection (5)
XXX
X
X
XXX
X
VID
X
Reset (Hardware) / Standby
X
X
X
X
X
X
X
X
HIGH-Z
L
X
Boot Block Sector Write Protection
X
X
X
X
X
X
X
X
X
X
L


Similar Part No. - MBM29DL321TE12TN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL321TD FUJITSU-MBM29DL321TD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL321TD-12 FUJITSU-MBM29DL321TD-12 Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL321TD-80 FUJITSU-MBM29DL321TD-80 Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL321TD-80PBT FUJITSU-MBM29DL321TD-80PBT Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL321TD-80PFTN FUJITSU-MBM29DL321TD-80PFTN Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL321TE12TN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com