Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2MXT-2036R Datasheet(PDF) 1 Page - 3M Electronics

Part # M2MXT-2036R
Description  Fits standard .100 x 100 header layout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

M2MXT-2036R Datasheet(HTML) 1 Page - 3M Electronics

  M2MXT-2036R Datasheet HTML 1Page - 3M Electronics M2MXT-2036R Datasheet HTML 2Page - 3M Electronics M2MXT-2036R Datasheet HTML 3Page - 3M Electronics M2MXT-2036R Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
data_pp (For Web PDF Output)
3M
Pak 100 PCB
.100
″× .100″ Two Row
994 Series
TS-2100-01
Sheet 1 of 3
Date Modified: April 29, 2004
S Fits standard .100
″× .100″ header layout
S Uses less board area then 4--row design
S Preassembled cover for fast termination
Physical
Insulation
Material: Glass Filled Thermoplastic
Flammability: UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 50-90
µ″ [1.25-2.25 µm] Nickel
U--Slot and Solder Tails: 100-200
µ″ [2.5-5.0 µm] [90/10] Tin-Lead
Wire Accommodation: 28 AWG Stranded, PVC insulation, Gray or color-coded construction
Marking: 3M logo
Electrical
Current Rating: 1.0 A
Insulation Resistance: >1,000
ΜΩ min. at 500 VDC
Withstanding Voltage 650 VAC for 1 minute
Environmental
Temperature Rating: --55
°C to +105°C
UL File No.: E68080


Similar Part No. - M2MXT-2036R

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
M2M QUECTEL-M2M Datasheet
857Kb / 2P
   Ultra-small Quad-band GSM/GPRS Module
logo
List of Unclassifed Man...
M2M1 ETC1-M2M1 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
M2M5 ETC1-M2M5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
M2M9 ETC1-M2M9 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
logo
M-System Co.,Ltd.
M2MLS MSYSTEM-M2MLS Datasheet
104Kb / 3P
   Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2MXT-2036R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
logo
3M Electronics
2401-6112TB 3M-2401-6112TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
logo
Adam Technologies, Inc.
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
   .100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
   .100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-34-VUA-LL ADAM-TECH-BHR-34-VUA-LL Datasheet
116Kb / 1P
   .100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
logo
List of Unclassifed Man...
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
3M Electronics
4600 3M-4600 Datasheet
45Kb / 4P
   100 X 100, Plug
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com