Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD11B01 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # SD11B01
Description  Excellent operating feeling by less lever wobble.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SD11B01 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  SD11B01_14 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SD11B01_14 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model(型號):
ROTARY POTENTIOMETER---------S[X][X]D11B01
►Download PDF file
Features:(特點):
Excellent operating feeling by less lever wobble.
Horizontal type is blind constion capability using a crank lever
Horizontal,long-terminal type has a space between the main body and circuit
board.
Applications(作用):
For fader control of mixers
Dimensions(規格圖 ):
Specifications( 規格)
Electrical Characteristics [ 電氣性能 ]
Total resistance [
全阻抗值 ]
100Ω ~1MΩ
Total resistance tolerance [ 全阻抗值容許差 ]
±20%
Ratings power(w) [
額定功率 ]
Travel 45mm B Single 0.25W,Dual 0.125W
Except B single 0.125W,Dual
0.06W
Resistance taper [
阻抗變化特性 ]
A,B,*C,D,W
Residual resistance(1-2/2-3)
[ 殘留阻值]
10/20 Max
20/30 Max
30/50 Max
50/70 Max
Sliding noise [
滑動雜音]
100mV Max
Insulation resistance [絕緣阻抗]
100MΩ Min. at DC 250V.
Withstanding voltage [
耐電壓]
1 minute at AC 300V
Max. operating voltage [最高使用電壓]
B Single 200V, Dual 200V
Except B Single 150V,Dual 50V
Cang error:[
運動誤差]
Volume[
音量]
-40dB ~0dB
±3dB Max
Tone [音質]
±3dB Max. at 50% position.
Mechanical Characteristics [ 机械性能 ]
Operation torque [ 滑動力矩 ]
30~250gf.cm
Stopper strength[
止動強度]
5.0Kgf
Click slip out torque[掣子脫出力矩]
40~350gf.cm
Lever wobble[
推柄搖晃]
2(2
×L)/20mm Max. L=length of level
Position of click[推拉強度]
1C,7C,11C
Lever push-pull strength[
推拉強度]
5.0Kgf. cm Max. at 5 sec.
Endurance Characteristics [ 耐久性能 ]
Rotational life [
回轉壽命 ]
More than 15,000 cycles
Http://www.productwell.com E-Mail: pwltw@productwell.com
TEL: 0769-81353212
FAX: 0769-81353211
Http://www.productwell.com E-Mail: pwltw@productwell.com
TEL: 0769-81353212
FAX: 0769-81353211


Similar Part No. - SD11B01_14

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SD11B01 PRODUCTWELL-SD11B01 Datasheet
114Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - SD11B01_14

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SD12B01 PRODUCTWELL-SD12B01_14 Datasheet
121Kb / 2P
   Excellent operating feeling by less lever wobble.
R12C12AB1 PRODUCTWELL-R12C12AB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
R12C12BB1 PRODUCTWELL-R12C12BB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
logo
Inchange Semiconductor ...
2N2955HV ISC-2N2955HV Datasheet
108Kb / 2P
   Excellent Safe Operating Area
2N1470 ISC-2N1470 Datasheet
102Kb / 2P
   Excellent Safe Operating Area
BDY20 ISC-BDY20 Datasheet
193Kb / 2P
   Excellent Safe Operating Area
logo
ALPS ELECTRIC CO.,LTD.
RS60K11A9010 ALPS-RS60K11A9010 Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
RSK ALPS-RSK Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
logo
C&K Components
KSC221GLFS CK-COMPONENTS-KSC221GLFS Datasheet
312Kb / 6P
   Positive tactile feeling
KSC341GLFS CK-COMPONENTS-KSC341GLFS Datasheet
312Kb / 6P
   Positive tactile feeling
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com