Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-30-1181 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39-30-1181
Description  Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39-30-1181 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39-30-1181 Datasheet HTML 1Page - Molex Electronics Ltd. 39-30-1181 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
240
Material Info
Old Part Number
5569-18A2G
Reference - Drawing Numbers
Packaging Specification
PK-5569-002
Product Specification
PS-45750-001, PS-5556-001, RPS-5556-004
Sales Drawing
SDA-5569-NA2*-*
Test Summary
TS-5556-002
This document was generated on 09/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39-30-1181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-1181 MOLEX3-39-30-1181 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 18 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m (30關") Gold (Au) Plating
39-30-1181 MOLEX-39-30-1181 Datasheet
271Kb / 7P
   MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
More results

Similar Description - 39-30-1181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-1061 MOLEX11-39-30-1061 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1021 MOLEX11-39-30-1021 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1101 MOLEX11-39-30-1101 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1062 MOLEX11-39-30-1062 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76關m Gold (Au) Plating
39-30-1121 MOLEX11-39-30-1121 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1141 MOLEX11-39-30-1141 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1161 MOLEX11-39-30-1161 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1081 MOLEX11-39-30-1081 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1041 MOLEX11-39-30-1041 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1221 MOLEX11-39-30-1221 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 22 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com