Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J422D-18PL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # J422D-18PL
Description  MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J422D-18PL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  J422D-18PL Datasheet HTML 1Page - List of Unclassifed Manufacturers J422D-18PL Datasheet HTML 2Page - List of Unclassifed Manufacturers J422D-18PL Datasheet HTML 3Page - List of Unclassifed Manufacturers J422D-18PL Datasheet HTML 4Page - List of Unclassifed Manufacturers J422D-18PL Datasheet HTML 5Page - List of Unclassifed Manufacturers J422D-18PL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2003 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
420 422 Page 3
www.teledynerelays.com
420 422/1203/Q1
.370
(9.40)
DIA. MAX.
.335
(8.51)
DIA. MAX.
.280 (7.11) MAX.
+.002 (.05)
.017(.43) –.001 (.03) DIA.
WIRE LEAD: .75 (19.05) MIN.
PIN: .187 (4.75)
± .010 (.25)
(See Note 6)
CASE DETAIL
10
1
2
3
4
5
6
7
8
9
TERMINAL LOCATIONS AND PIN NUMERING (REF ONLY)
(Viewed from Terminals)
DIMENSIONS ARE SHOWN IN INCHES (MILLIMETERS)
.035(.89)
± .010(0.25)
.031(.79)
± .003(0.08)
.200(5.08)
± .010(.25) DIA.
36
°±3° TYP.
.035(.89)
± .010(0.25)
.031(.79)
± .003(0.08)
.200(5.08)
± .010(.25) DIA.
36
°±3° TYP.
420
422
OUTLINE DIMENSIONS
GENERAL NOTES
1. Relay contacts will exhibit no chatter in excess of 10 μsec
or transfer in excess of 1 μsec.
2. “Typical” characteristics are based on available data and
are best estimates. No on-going verification tests are
performed.
3. Unless otherwise specified, parameters are initial values.
4. For reference only. Coil resistance not directly measurable
at relay terminals due to internal series diode. 420DD and
422DD only.
5. Unless otherwise specified, relays will be supplied with
either gold-plated or solder-coated leads.
6. The slash and characters appearing after the slash are
not marked on the relay.
7. Screened HI-REL versions available. Contact factory.
8.
SCHEMATICS ARE VIEWED FROM TERMINALS
CONTACTS SHOWN IN POSITION RESULTING WHEN COIL A LAST ENERGIZED
COIL B
COIL A
420
COIL B
COIL A
420D
COIL B
COIL A
420DD
COIL B
COIL A
422
COIL B
COIL A
422D
COIL B
COIL A
422DD
SCHEMATIC DIAGRAMS
Teledyne Part Numbering System for
T2R® Established Reliability Relay
ER
422 X
M - 26
A / S Q
Established Reliability
Designator
Pad Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix)
Q= Solder Coated Leads
G= Gold Plated Leads
(Notes 5 and 6)
S= 0.187" leads
(Note 6)
Coil Voltage
Screening and Reliability
Level
Teledyne Part Numbering System for Military Qualified (JAN) Relays
J
422 X
M -
26
P
L
Military (JAN)
Designator
Pad Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix)
Terminal Variant
P = 0.187"
Coil Voltage
Screening and Reliability
Level
SERIES 420/422


Similar Part No. - J422D-18PL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J422 PULSE-J422 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
J422 PULSE-J422 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Teledyne Technologies I...
J422-26WM TELEDYNE-J422-26WM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J422-6PM TELEDYNE-J422-6PM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J422XM-12M TELEDYNE-J422XM-12M Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
More results

Similar Description - J422D-18PL

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J422-6PM TELEDYNE-J422-6PM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J421-6PL TELEDYNE-J421-6PL Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J422-26WM TELEDYNE-J422-26WM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
421 WILLOW-421 Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J420-5L TELEDYNE-J420-5L Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J421D-26M TELEDYNE-J421D-26M Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com