Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5626 Datasheet(PDF) 1 Page - General Semiconductor

Part # 1N5626
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N5626 Datasheet(HTML) 1 Page - General Semiconductor

  1N5626 Datasheet HTML 1Page - General Semiconductor 1N5626 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
1N5624 THRU 1N5627
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 200 to 800 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ Glass passivated cavity-free junction
♦ High temperature metallurgically bonded
constructed
♦ Hermetically sealed package
♦ Capable of meeting
environmental
standards of
MIL-S-19500
♦ Typical IR less than 0.1µA
♦ 3.0 Ampere operation at TA=70°C with no thermal
runaway
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
1N5624
1N5625
1N5626
1N5627
UNITS
*Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
Volts
Maximum RMS voltage
VRMS
140
280
420
560
Volts
*Maximum DC blocking voltage
VDC
200
400
600
800
Volts
*Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=70°C
I(AV
3.0
Amps
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
125.0
Amps
*Maximum instantaneous forward voltage at 3.0A
TA=25°C
VF
1.0
Volts
TA=70°C
0.95
*Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=175°C
IR
300.0
200.0
µA
*Maximum full load reverse current, full cycle average,
0.375" (9.5mm) lead length at TA=70°C
IR(AV)
150.0
100.0
µA
Typical junction capacitance (NOTE 1)
CJ
40.0
pF
Typical thermal resistance (NOTE 2)
R
ΘJA
20.0
°C/W
R
ΘJL
10.0
*Operating junction temperature range
TJ
-65 to +175
°C
*Storage temperature range
TSTG
-65 to +200
°C
NOTES:
(1) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length,
with both leads attached between heatsinks
*JEDEC registered values
0.250 (6.3)
0.170 (4.3)
0.052 (1.32)
0.048 (1.22)
DIA.
DIA.
1.0 (25.4)
MIN
MAX.
0.300 (7.6)
1.0 (25.4)
MIN
CASE STYLE G3
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - 1N5626

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N5626 POWEREX-1N5626 Datasheet
159Kb / 4P
   Lead Mounted Rectifier
logo
Vishay Siliconix
1N5626 VISHAY-1N5626 Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.5, 21-Sep-10
logo
EIC discrete Semiconduc...
1N5626 EIC-1N5626 Datasheet
86Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
Digitron Semiconductors
1N5626 DIGITRON-1N5626 Datasheet
128Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Central Semiconductor C...
1N5626 CENTRAL-1N5626 Datasheet
295Kb / 2P
   silicon glass passivated rectifiers
More results

Similar Description - 1N5626

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com