Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32173EIVZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL32173EIVZ-T
Description  QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32173EIVZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL32173EIVZ-T Datasheet HTML 3Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 4Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 5Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 6Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 7Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 8Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 9Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 10Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN7529.1
March 14, 2013
Absolute Maximum Ratings
Thermal Information
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VL to GND (Note 4) . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Input Voltages
EN (All varieties) . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
A, B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V to +13V
Output Voltages
RO (Note 5) . . . . . . . . . . . . . . . . . -0.5V to (VCC + 0.3V)
RO (Note 4) . . . . . . . . . . . . . . . . . . -0.5V to (VL + 0.3V)
Short Circuit Duration
RO (One output at a time) . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . See “Electrical Specifications” Table
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
16 Ld SOIC Package (Notes 6, 9). .
78
30
16 Ld TSSOP Package (Notes 6, 9)
104
25
24 Ld QFN Package (Notes 7, 8) . .
42
5
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
VL (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . 1.6V to VCC
Temperature Range
ISL32X7XEI . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
ISL32X7XEF . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
Bus Pin Common Mode Voltage Range . . . . . . . -7V to +12V
RO Output Current . . . . . . . . . . . . . . . . . . . -9mA to +9mA
RO Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . ≤6pF
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. ISL32177E and ISL32277E only.
5. Excluding the ISL32177E and ISL32277E.
6. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
7. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379 for details.
8. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL32177E and ISL32277E only); Typicals are at
the worst case of VCC = 3.3V or VCC = 5V, TA = +25°C; Unless Otherwise Specified. Boldface
limits apply over the operating temperature range. (Notes 10, 14)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
DC CHARACTERISTICS
Input High Voltage
(Logic Pins,
Note 17)
VIH1
VL = VCC if ISL32177E or
ISL32277E
VCC ≤3.6V
Full
2
--
V
VIH2
VCC ≤ 5.5V
Full
2.2
--
V
VIH3
2.7V ≤ VL < 3.0V (ISL32177E and
ISL32277E Only)
Full
2
--
V
VIH4
2.3V ≤ VL < 2.7V (ISL32177E and
ISL32277E Only)
Full
1.6
--
V
VIH5
1.6V ≤ VL < 2.3V (ISL32177E and
ISL32277E Only)
Full
0.72*VL
--
V
VIH6
1.4V ≤ VL < 1.6V (ISL32177E and
ISL32277E Only)
25
-
0.4*VL
-V
Input Low Voltage
(Logic Pins,
Note 17)
VIL1
VL = VCC if ISL32177E and ISL32277E
Full
-
-
0.8
V
VIL2
VL ≥ 2.7V (ISL32177E and ISL32277E Only) Full
-
-
0.6
V
VIL3
2.3V ≤ VL < 2.7V (ISL32177E and
ISL32277E Only)
Full
-
-
0.6
V
VIL4
1.6V ≤ VL < 2.3V (ISL32177E and
ISL32277E Only)
Full
-
-
0.22*VL
V
VIL5
1.4V ≤ VL < 1.6V (ISL32177E and
ISL32277E Only)
25
0.35*
VL
-V
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


Similar Part No. - ISL32173EIVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32173EIVZ INTERSIL-ISL32173EIVZ Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32173EIVZ RENESAS-ISL32173EIVZ Datasheet
1Mb / 21P
   Telecom equipment
More results

Similar Description - ISL32173EIVZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com